Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFG Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # EGC2016AFG
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFG Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

Back Button EGC2016AFG Datasheet HTML 3Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 4Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 5Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 6Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 7Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 8Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 9Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 10Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 11Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-7
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Product Selection
Series G Molded Case Circuit Breakers
Approximate Dimensions are in Inches
EG Frame
JG Frame
LG Frame
Note
1 16, 32, 63A are not UL listed ratings.
Maximum
Continuous
Amperes at 40°C 1
Three-Pole 3.00 W x 5.50 H x 2.99 D
Maximum
Continuous
Amperes at 40°C
Three-Pole 3.00 W x 5.50 H x 2.99 D
Fixed Thermal
Fixed Magnetic
Fixed Thermal
Fixed Magnetic
IC Rating: 25 kAIC at 415 and 480 Vac
IC Rating: 70 kAIC at 415 Vac, 65 kAIC at 480 Vac
15
EGE3015FFG
15
EGH3015FFG
20
EGE3020FFG
20
EGH3020FFG
25
EGE3025FFG
25
EGH3025FFG
30
EGE3030FFG
30
EGH3030FFG
35
EGE3035FFG
35
EGH3035FFG
40
EGE3040FFG
40
EGH3040FFG
45
EGE3045FFG
45
EGH3045FFG
50
EGE3050FFG
50
EGH3050FFG
60
EGE3060FFG
60
EGH3060FFG
70
EGE3070FFG
70
EGH3070FFG
80
EGE3080FFG
80
EGH3080FFG
90
EGE3090FFG
90
EGH3090FFG
100
EGE3100FFG
100
EGH3100FFG
125
EGE3125FFG
125
EGH3125FFG
Maximum
Continuous
Amperes
Three-Pole 4.13 W x 7.00 H x 3.57 D
Maximum
Continuous
Amperes
Three-Pole 4.13 W x 7.00 H x 3.57 D
Magnetic
Range
Fixed Thermal
Adjustable Magnetic
Magnetic
Range
Fixed Thermal
Adjustable Magnetic
IC Rating: 25 kAIC at 415 and 480 Vac
IC Rating: 70 kAIC at 415 Vac, 65 kAIC at 480 Vac
70
350–700
JGE3070FAG
70
350–700
JGH3070FAG
90
450–900
JGE3090FAG
90
450–900
JGH3090FAG
100
500–1000
JGE3100FAG
100
500–1000
JGH3100FAG
125
625–1250
JGE3125FAG
125
625–1250
JGH3125FAG
150
750–1550
JGE3150FAG
150
750–1550
JGH3150FAG
175
875–1750
JGE3175FAG
175
875–1750
JGH3175FAG
200
1000–2000
JGE3200FAG
200
1000–2000
JGH3200FAG
225
1125–2250
JGE3225FAG
225
1125–2250
JGH3225FAG
250
1250–2500
JGE3250FAG
250
1250–2500
JGH3250FAG
Ampere
Rating
Three-Pole 5.48 W x 10.13 H x 4.09 D
Ampere
Rating
Three-Pole 3.00 W x 5.50 H x 2.99 D
Fixed Thermal
Adjustable Magnetic
Fixed Thermal
Adjustable Magnetic
IC Rating: 35 kAIC at 415 and 480 Vac
IC Rating: 70 kAIC at 415 Vac, 65 kAIC at 480 Vac
250
LGE3250FAG
250
LGH3250FAG
300
LGE3300FAG
300
LGH3300FAG
350
LGE3350FAG
350
LGH3350FAG
400
LGE3400FAG
400
LGH3400FAG
500
LGE3500FAG
500
LGH3500FAG
600
LGE3600FAG
600
LGH3600FAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com