Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFG Datasheet(PDF) 63 Page - Eaton All Rights Reserved.

Part # EGC2016AFG
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFG Datasheet(HTML) 63 Page - Eaton All Rights Reserved.

Back Button EGC2016AFG Datasheet HTML 55Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 56Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 57Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 58Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 59Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 60Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 61Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 62Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 63Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 63 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-63
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Product Selection
Enclosed Rotary Non-Fusible
Accessories for Enclosed Rotary Disconnects 56
Notes
1 For CSA listed switches, add prefix letter “C” to the front of the catalog number.
2 NEMA Type 12 enclosures (16–80A) can be field modified to meet NEMA Type 3R rainproof requirements when a factory-provided drain hole is opened.
3 YR suffix indicates Yellow cover with Red handle. For Gray cover with Black handle, replace “YR” with “GB.” For Gray cover with Red handle, replace “YR” with “GR.”
4 cULus only.
5 Ordered and shipped as separate components—not integral to enclosed device.
6 Enclosed disconnects can accept one power pole, neutral or up to two auxiliary contacts (one mounted on either side of switch).
7 Available 2011.
Contact the Safety Switch Flex Center (1-888-329-9272) for factory-installed accessories or other special modifications.
Ampere
Rating
Maximum Horsepower Ratings
NEMA 1 1
Enclosure
Indoor
NEMA 12 1 2
Enclosure
Dust-Tight/
Rainproof
NEMA 4X 1
Enclosure
Corrosion-Resistant,
Stainless Steel
NEMA 4X 1
Enclosure
Corrosion-Resistant,
Non-Metallic
NEMA 4X
Enclosure
Polycarbonate-
Non-Metallic
Three-Phase AC
208V
240V
480V
600V
Catalog Number
Catalog Number
Catalog Number
Catalog Number
Catalog Number
Three-Pole, 600 Vac
16
3510
10
ER53016UG
ER53016UD
ER53016UW
ER53016UX
—
25
7-1/2
7-1/2
15
20
ER53025UG
ER53025UD
ER53025UW
ER53025UX
—
30
7-1/2
7-1/2
15
20
ER53030UG
ER53030UD
ER53030UW
ER53030UX
ER53030UPYR 34
40
7-1/2
7-1/2
20
25
ER53040UG
ER53040UD
ER53040UW
ER53040UX
—
60
15
15
30
30
ER53060UG
ER53060UD
ER53060UW
ER53060UX
ER53060UPYR 34
80
15
20
40
40
ER53080UG
ER53080UD
ER53080UW
ER53080UX
—
Four-Pole, 600 Vac
16
3510
10
ER54016UG
ER54016UD
ER54016UW
ER54016UX
—
25
7-1/2
7-1/2
15
20
ER54025UG
ER54025UD
ER54025UW
ER54025UX
—
30
7-1/2
7-1/2
20
25
ER54030UG
ER54030UD
ER54030UW
ER54030UX
—
40
7-1/2
7-1/2
20
25
ER54040UG
ER54040UD
ER54040UW
ER54040UX
—
Disconnect
Ampere Rating
Switched
Fourth Pole
Unswitched
Neutral Pole
Auxiliary Contacts
(Choose One)
Terminal
Shrouds
16
S4PR516
UNMR5A
1NO + 1NC
AC1NONC
2NC
AC2NC
Single-pole
TS1R5A
Three-pole
TS3R5A
25
S4PR525
30
S4PR530
40
S4PR540
60
S4PR560 7
UNMR5B 7
Single-pole
TS1R5B
Three-pole
TS3R5B
80
S4PR580 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com