Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFG Datasheet(PDF) 44 Page - Eaton All Rights Reserved.

Part # EGC2016AFG
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFG Datasheet(HTML) 44 Page - Eaton All Rights Reserved.

Back Button EGC2016AFG Datasheet HTML 40Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 41Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 42Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 43Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 44Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 45Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 46Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 47Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 48Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
V9-T1-44
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.2
Circuit Protection
Fuse Blocks and Fuse Holders
Product Overview
Fuse Blocks and Fuse Holders
For our complete product offering, see Volume 4—Circuit
Protection, CA08100005E.
Description
C350 Series
Page V9-T1-45
Technical Data
Number of poles
Up to 3
Mounting
35 mm flat or 32 mm asymmetrical DIN rail
(with optional adapter)
Terminal ratings
600V, 30A
Housing construction
Thermoplastic UL 94VO flammability rating
Clip/terminal construction
Tin-plated copper alloy
Screw/pressure plate construction
Zinc-plated steel
Dielectric strength
1200V
Approvals
UL, CSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com