Electronic Components Datasheet Search
  English  ▼

X  

TLV803 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV803
Description  TPS3809xxx-Q1 3-Pin Supply Voltage Supervisors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV803 Datasheet(HTML) 2 Page - Texas Instruments

  TLV803 Datasheet HTML 1Page - Texas Instruments TLV803 Datasheet HTML 2Page - Texas Instruments TLV803 Datasheet HTML 3Page - Texas Instruments TLV803 Datasheet HTML 4Page - Texas Instruments TLV803 Datasheet HTML 5Page - Texas Instruments TLV803 Datasheet HTML 6Page - Texas Instruments TLV803 Datasheet HTML 7Page - Texas Instruments TLV803 Datasheet HTML 8Page - Texas Instruments TLV803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison......................................................... 3
6 Pin Configuration and Functions...................................3
6.1 Pin Functions.............................................................. 3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings........................................ 4
7.2 ESD Ratings............................................................... 4
7.3 Recommended Operating Conditions.........................4
7.4 Thermal Information....................................................4
7.5 Electrical Characteristics.............................................5
7.6 Timing Requirements..................................................5
7.7 Switching Characteristics............................................5
7.8 Timing Diagrams ........................................................6
7.9 Typical Characteristics................................................ 7
8 Detailed Description........................................................8
8.1 Overview..................................................................... 8
8.2 Functional Block Diagram........................................... 8
8.3 Feature Description.....................................................8
8.4 Device Functional Modes............................................8
9 Application and Implementation.................................... 9
9.1 Application Information............................................... 9
9.2 Typical Application...................................................... 9
10 Power Supply Recommendations..............................11
11 Layout........................................................................... 12
11.1 Layout Guidelines................................................... 12
11.2 Layout Example...................................................... 12
12 Device and Documentation Support..........................13
12.1 Support Resources................................................. 13
12.2 Trademarks.............................................................13
12.3 Electrostatic Discharge Caution..............................13
12.4 Glossary..................................................................13
13 Mechanical, Packaging, and Orderable
Information.................................................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (March 2016) to Revision C (December 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added new sentence regarding the new TLV809E to the Description section................................................... 1
• Renamed Device Comparison modified device option table and added comparison table ...............................3
• Changed VDD from 7 to 6.5 in Absolute Maximum Ratings ..............................................................................4
• Changed VOL @ 500μA from 0.2 to 0.3 in Electrical Characteristics .................................................................5
• Changed tw pulse duration from 3 to 10μs in Timing Requirements ..................................................................5
• Changed tPHL from 1 to 10μs in Switching Characteristics ................................................................................5
• Deleted figure for Minimum Pulse Duration At VDD in Typical Characteristics....................................................7
Changes from Revision A (December 2002) to Revision B (February 2016)
Page
• Added AEC-Q100 Qualified information in bullets .............................................................................................1
• Changed Applications list items .........................................................................................................................1
• Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section .................. 1
• Changed device part numbers by adding -Q1 to them throughout document ................................................... 5
TPS3809J25-Q1, TPS3809L30-Q1, TPS3809K33-Q1, TPS3809I50-Q1
SGLS142C – DECEMBER 2002 – REVISED DECEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS3809J25-Q1 TPS3809L30-Q1 TPS3809K33-Q1 TPS3809I50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com