Electronic Components Datasheet Search
  English  ▼

X  

TLV803 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV803
Description  TPS3809xxx-Q1 3-Pin Supply Voltage Supervisors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV803 Datasheet(HTML) 5 Page - Texas Instruments

  TLV803 Datasheet HTML 1Page - Texas Instruments TLV803 Datasheet HTML 2Page - Texas Instruments TLV803 Datasheet HTML 3Page - Texas Instruments TLV803 Datasheet HTML 4Page - Texas Instruments TLV803 Datasheet HTML 5Page - Texas Instruments TLV803 Datasheet HTML 6Page - Texas Instruments TLV803 Datasheet HTML 7Page - Texas Instruments TLV803 Datasheet HTML 8Page - Texas Instruments TLV803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VDD = 2.5 V to 6 V, IOH = −500 μA
VDD – 0.2
V
VDD = 3.3 V, IOH = −2 μA
VDD – 0.4
VDD = 6 V, IOH = −4 mA
TA = −40°C to +25°C
VDD – 0.4
TA = 125°C
VDD – 0.5
VOL
Low-level output voltage
VDD = 2 V to 6 V, IOL = 500 μA
0.3
V
VDD = 3.3 V, IOL = 2 mA
0.4
VDD = 6 V, IOL = 4 mA
0.4
Power-up reset voltage(1)
VDD ≥ 1.1 V, IOL = 50 μA
0.2
V
VIT−
Negative-going input threshold
voltage(2)
TPS3809J25-Q1
TA = −40°C to +125°C
2.20
2.25
2.30
V
TPS3809L30-Q1
2.58
2.64
2.7
TPS3809K33-Q1
2.87
2.93
2.99
TPS3809I50-Q1
TA = −40°C to +85°C
4.45
4.55
4.65
TA = −40°C to +125°C
4.4
4.55
4.65
Vhys
Hysteresis
TPS3809J25-Q1
30
mV
TPS3809L30-Q1
35
TPS3809K33-Q1
40
TPS3809I50-Q1
60
IDD
Supply current
VDD = 2 V, Output unconnected
9
15
μA
VDD = 6 V, Output unconnected
20
30
Ci
Input capacitance
VI = 0 V to VDD
5
pF
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 µs/V.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor ( 0.1 µF, ceramic) should be placed near the supply terminals.
7.6 Timing Requirements
RL = 1 MΩ, CL = 50 pF, TA = 25°C
MIN
NOM
MAX
UNIT
tw
Pulse width at VDD
VDD = VIT− + 0.2 V, VDD = VIT− − 0.2 V
10
μs
7.7 Switching Characteristics
RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td
Delay time
VDD ≥ VIT− + 0.2 V, See
timing diagram, Section 7.8
120
200
280
ms
tPHL
Propagation (delay) time,
high-to-low-level output
VDD to RESET delay
VIL = VIT− − 0.2 V, VIH = VIT−
+0.2 V
10
μs
www.ti.com
TPS3809J25-Q1, TPS3809L30-Q1, TPS3809K33-Q1, TPS3809I50-Q1
SGLS142C – DECEMBER 2002 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS3809J25-Q1 TPS3809L30-Q1 TPS3809K33-Q1 TPS3809I50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com