Electronic Components Datasheet Search
  English  ▼

X  

TLV803 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV803
Description  TPS3809xxx-Q1 3-Pin Supply Voltage Supervisors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV803 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV803 Datasheet HTML 4Page - Texas Instruments TLV803 Datasheet HTML 5Page - Texas Instruments TLV803 Datasheet HTML 6Page - Texas Instruments TLV803 Datasheet HTML 7Page - Texas Instruments TLV803 Datasheet HTML 8Page - Texas Instruments TLV803 Datasheet HTML 9Page - Texas Instruments TLV803 Datasheet HTML 10Page - Texas Instruments TLV803 Datasheet HTML 11Page - Texas Instruments TLV803 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8 Detailed Description
8.1 Overview
The TPS3809xxx-Q1 device is a low-current supervisory circuit for monitoring system voltages above 2 V. The
device asserts an active-low RESET signal when VDD drops below a preset threshold. The RESET output
remains low until VDD returns above its threshold. The device design is also to be relatively immune to short
negative transients on the VDD pin.
8.2 Functional Block Diagram
R2
_
+
R1
VDD
GND
RESET
TPS3809xxx-Q1
Oscillator
Reference
Voltage
of 1.137 V
Reset
Logic
+
Timer
8.3 Feature Description
8.3.1 VDD Monitoring
The VDD pin provides a terminal at which a system voltage can be monitored. If the voltage on this pin drops
below VIT, RESET is asserted low. The comparator has a built-in hysteresis to ensure smooth RESET assertions
and deassertions. Refer to Section 5 to determine the VDD voltage threshold for each device.
8.4 Device Functional Modes
TPS3809xxx-Q1 monitors one supply using the VDD pin. When VDD is above the VIT threshold for the device,
RESET will be high. When VDD is below the VIT threshold for the device, RESET will be low.
TPS3809J25-Q1, TPS3809L30-Q1, TPS3809K33-Q1, TPS3809I50-Q1
SGLS142C – DECEMBER 2002 – REVISED DECEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS3809J25-Q1 TPS3809L30-Q1 TPS3809K33-Q1 TPS3809I50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com