Electronic Components Datasheet Search
  English  ▼

X  

TLV803 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV803
Description  TPS3809xxx-Q1 3-Pin Supply Voltage Supervisors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV803 Datasheet(HTML) 4 Page - Texas Instruments

  TLV803 Datasheet HTML 1Page - Texas Instruments TLV803 Datasheet HTML 2Page - Texas Instruments TLV803 Datasheet HTML 3Page - Texas Instruments TLV803 Datasheet HTML 4Page - Texas Instruments TLV803 Datasheet HTML 5Page - Texas Instruments TLV803 Datasheet HTML 6Page - Texas Instruments TLV803 Datasheet HTML 7Page - Texas Instruments TLV803 Datasheet HTML 8Page - Texas Instruments TLV803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage, VDD (2)
6.5
V
All other pins(2)
–0.3
6.5
V
Maximum low output current, IOL
5
mA
Maximum high output current, IOH
–5
mA
Input clamp current, IIK (VI<0 or VI>VDD)
–20
20
mA
Output clamp current, IOK (VO<0 or VO>VDD)
–20
20
mA
Continuous total power dissipation
Operating free-air temperature range, TA
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to GND. For reliable operation the device should not be operated at 6.5 V for more than t = 1000 h
continuously.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2
6
V
TA
Operating free-air temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
TPS3809xxx-Q1
UNIT
DBV (SOT-23)
3 PINS
RθJA
Junction-to-ambient thermal resistance
232.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
187.6
°C/W
RθJB
Junction-to-board thermal resistance
104.1
°C/W
ψJT
Junction-to-top characterization parameter
40.5
°C/W
ψJB
Junction-to-board characterization parameter
104.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
TPS3809J25-Q1, TPS3809L30-Q1, TPS3809K33-Q1, TPS3809I50-Q1
SGLS142C – DECEMBER 2002 – REVISED DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS3809J25-Q1 TPS3809L30-Q1 TPS3809K33-Q1 TPS3809I50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com