Electronic Components Datasheet Search
  English  ▼

X  

TLV803 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV803
Description  TPS3809xxx-Q1 3-Pin Supply Voltage Supervisors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV803 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV803 Datasheet HTML 5Page - Texas Instruments TLV803 Datasheet HTML 6Page - Texas Instruments TLV803 Datasheet HTML 7Page - Texas Instruments TLV803 Datasheet HTML 8Page - Texas Instruments TLV803 Datasheet HTML 9Page - Texas Instruments TLV803 Datasheet HTML 10Page - Texas Instruments TLV803 Datasheet HTML 11Page - Texas Instruments TLV803 Datasheet HTML 12Page - Texas Instruments TLV803 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TPS3809xxx-Q1 voltage supervisor device design asserts an active-low RESET signal when VDD drops
below a voltage threshold VIT. The RESET signal remains low until the voltage returns above its threshold. The
typical application is with a processor or microcontroller, which needs to be reset when the supply rail drops
below a specified tolerance.
9.2 Typical Application
3.3 V
TPS3809K33-Q1
TMS320LC54x
GND
GND
RESET
RESET
V DD
V DD
TPS76333
GND
OUT
IN
5 V
Figure 9-1. Typical Application Schematic
9.2.1 Design Requirements
Each device has a fixed=voltage monitoring threshold, and the device should be chosen based on the voltage
being monitored. Refer to Section 5 to determine the VDD voltage threshold for each device. In this example, a
3.3V supply rail to a microcontroller will be monitored.
9.2.2 Detailed Design Procedure
Because a 3.3-V supply rail needs to be monitored, TPS3809K33-Q1 should be used. This device has a 2.93-V
threshold for reset. Connect the 3.3-V supply to the VDD pin and the reset output of the supervisor to the reset
pin of the microcontroller.
www.ti.com
TPS3809J25-Q1, TPS3809L30-Q1, TPS3809K33-Q1, TPS3809I50-Q1
SGLS142C – DECEMBER 2002 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS3809J25-Q1 TPS3809L30-Q1 TPS3809K33-Q1 TPS3809I50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com