Electronic Components Datasheet Search
  English  ▼

X  

TLV803 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV803
Description  TPS3809xxx-Q1 3-Pin Supply Voltage Supervisors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV803 Datasheet(HTML) 3 Page - Texas Instruments

  TLV803 Datasheet HTML 1Page - Texas Instruments TLV803 Datasheet HTML 2Page - Texas Instruments TLV803 Datasheet HTML 3Page - Texas Instruments TLV803 Datasheet HTML 4Page - Texas Instruments TLV803 Datasheet HTML 5Page - Texas Instruments TLV803 Datasheet HTML 6Page - Texas Instruments TLV803 Datasheet HTML 7Page - Texas Instruments TLV803 Datasheet HTML 8Page - Texas Instruments TLV803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
5 Device Comparison
Table 5-1. Device Threshold Options
PRODUCT
THRESHOLD VOLTAGE
TPS3809J25QDBVRQ1
2.25 V
TPS3809L30QDBVRQ1
2.64 V
TPS3809K33QDBVRQ1
2.93 V
TPS3809I50QDBVRQ1
4.55 V
Table 5-2. Device Family Comparison
DEVICE
FUNCTION
TLV803
Open-Drain, RESET Output
TLV809
Push-Pull, RESET Output
TLV810
Push-Pull, RESET Output
6 Pin Configuration and Functions
1
GND
2
RESET_
3
V
DD
 
Figure 6-1. DBV Package
3-Pin SOT-23
Top View
6.1 Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
1
—
Ground
RESET
2
O
Reset output
VDD
3
I
Supply voltage and supervising input
www.ti.com
TPS3809J25-Q1, TPS3809L30-Q1, TPS3809K33-Q1, TPS3809I50-Q1
SGLS142C – DECEMBER 2002 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS3809J25-Q1 TPS3809L30-Q1 TPS3809K33-Q1 TPS3809I50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com