Electronic Components Datasheet Search
  English  ▼

X  

IP5209 Datasheet(PDF) 4 Page - Injoinic Technology Co.,Ltd.

Part # IP5209
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5209 Datasheet(HTML) 4 Page - Injoinic Technology Co.,Ltd.

  IP5209 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
4 / 14
Copyright © 2014, Injoinic Corp.
6 IP serials power bank IC selection table
IC Model
Main features
Package
Boost
Charger
LED
Num
Light
Push Button
I2C
DCP
Package
Package
compatibility
IP5101
1.0A
1.0A
1,2
-
-
-
-
eSOP8
IP5305T
1.0A
1.2A
1,2,3,4
√
√
-
-
eSOP8
IP5206
2A(Max)
1.5A
3,4,5
√
√
-
-
eSOP16
PIN2PIN
IP5108E
2.0A
1.0A
3,4,5
√
√
-
-
eSOP16
IP5108
2.0A
2.0A
3,4,5
√
√
√
-
eSOP16
IP5207
1.2A
1.2A
3,4,5
√
√
√
√
QFN24
PIN2PIN
IP5109
2.1A
2.1A
3,4,5
√
√
√
-
QFN24
IP5209
2.4A
2.1A
3,4,5
√
√
√
√
QFN24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com