Electronic Components Datasheet Search
  English  ▼

X  

IP5209 Datasheet(PDF) 11 Page - Injoinic Technology Co.,Ltd.

Part # IP5209
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5209 Datasheet(HTML) 11 Page - Injoinic Technology Co.,Ltd.

Back Button IP5209 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
11 / 14
Copyright © 2014, Injoinic Corp.
14 Typical application schematic
IP5305T only needs capacitors, resistors, and inductors to realize a full featured power bank solution.
2.2uH
TYPE-A
DM
DP
VOUT
GND
VIN
VOUT
LED1
/VSET
LED2
/VTHS
LED3
KEY
/WLED
BAT
SW
RVSET
RVTHS
IP5305T
1
2
3
4
8
7
6
5
EPAD
D1
D2
D3
D4
25%
50%
75%
100%
Micro-B
VIN
GND
2R
10uF
10uF
10K
20R
KEY
Light
10uF
lithium
battery
22uF
10uF
RVSET
NC
43K
75K
100K
type of battery
4.2V
4.3V
4.35V
4.4V
RVTHS
20K
43K
75K
100K
NC
Power threshold
Threshold one
Threshold two
Threshold three
Threshold four
Defaults
Only 5305T has the function of VSET and
VTHSPIN parameter selection
Can be omitted if lighting function is not required
Figure 3 4 LEDs SOC indicator typical application schematic
2.2uH
TYPE-A
DM
DP
VOUT
GND
VIN
VOUT
LED1
LED2
LED3
KEY
/WLED
BAT
SW
IP5305T
1
2
3
4
8
7
6
5
EPAD
D1
D2
D3
33%
66%
100%
Micro-B
VIN
GND
2R
10uF
10uF
10K
20R
KEY
Light
10uF
lithium
battery
22uF
10uF
Can be omitted if lighting function is not
required
VBAT+
VBAT+
100R
1K
RVSET
RVSET
NC
43K
75K
100K
Battery type
4.2V
4.3V
4.35V
4.4V
Figure 4 3 LEDs SOC indicator typical application schematic
2.2uH
TYPE-A
DM
DP
VOUT
GND
VIN
VOUT
LED1
LED2
LED3
KEY
/WLED
BAT
SW
IP5305T
1
2
3
4
8
7
6
5
EPAD
D1
D2
Micro-B
VIN
GND
2R
10uF
10uF
10K
20R
KEY
Light
10uF
lithium
battery
22uF
10uF
Can be omitted if lighting function is not
required
VBAT+
VBAT+
200R
200R
1K
RVSET
RVSET
NC
43K
75K
100K
Battery type
4.2V
4.3V
4.35V
4.4V
Figure 5 2 LEDs SOC indicator typical application schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com