Electronic Components Datasheet Search
  English  ▼

X  

IP5209 Datasheet(PDF) 8 Page - Injoinic Technology Co.,Ltd.

Part # IP5209
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5209 Datasheet(HTML) 8 Page - Injoinic Technology Co.,Ltd.

Back Button IP5209 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
8 / 14
Copyright © 2014, Injoinic Corp.
10
LED Display Mode
Boosting mode 4 LEDs as the indicator
C(%)
L1
L2
L3
L4
C≥75%
ON
ON
ON
ON
50%≤C<75%
ON
ON
ON
OFF
25%≤C<50%
ON
ON
OFF
OFF
3%≤C<25%
ON
OFF
OFF
OFF
0%<C<3%
1Hz blink
OFF
OFF
OFF
Charging mode 4 LEDs as the indicator
C(%)
L1
L2
L3
L4
Full
ON
ON
ON
ON
75%≤C
ON
ON
ON
0.5Hz blink
50%≤C<75%
ON
ON
0.5Hz blink
OFF
25%≤C<50%
ON
0.5Hz blink
OFF
OFF
C<25%
0.5Hz blink
OFF
OFF
OFF
The displays of 3 LEDs and 5 LEDs are similar to that of 4 LEDs. The corresponding SOC of each LED is
presented in the following table.
D1
D2
D3
D4
3 LEDs
33%
66%
100%
NA
4 LEDs
25%
50%
75%
100%
◼
2 LED
state
LED1
LED2
Charging
In charging
0.5Hz blink
OFF
End of Charge
ON
OFF
Boost
In discharging
OFF
ON
Low Battery
OFF
1Hz blink
◼
1 LED
state
LED1
Charging
In charging
0.5Hz blink
End of Charge
ON
Boost
In discharging
ON
Low Battery
1Hzblink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com