Electronic Components Datasheet Search
  English  ▼

X  

IP5209 Datasheet(PDF) 7 Page - Injoinic Technology Co.,Ltd.

Part # IP5209
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5209 Datasheet(HTML) 7 Page - Injoinic Technology Co.,Ltd.

Back Button IP5209 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
7 / 14
Copyright © 2014, Injoinic Corp.
Battery standby current
ISTB
VIN=0V,VBAT=3.7V
50
100
150
uA
LED lighting current
Ilight
5
20
30
mA
LED indicator current
IL1
IL2
2
10
15
mA
Load removal detect timer
TloadD
Load
current
continuously
lower than 45mA
24
32
40
s
Push-button wake-up timer
TOnDebounc
e
30
50
100
ms
Push-button light-on timer
TKeylight
1.2
2
3
s
Thermal shutdown
TOTP
Rising temperature
110
125
140
℃
Thermal
shutdown
hysteresis
ΔTOTP
30
40
50
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com