Electronic Components Datasheet Search
  English  ▼

X  

IP5209 Datasheet(PDF) 9 Page - Injoinic Technology Co.,Ltd.

Part # IP5209
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5209 Datasheet(HTML) 9 Page - Injoinic Technology Co.,Ltd.

Back Button IP5209 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
9 / 14
Copyright © 2014, Injoinic Corp.
11 Push Button
Push button’s connecting is shown in Fig 5. IP5305T can identify long push and short push.
⚫
If button is pushed longer than 30ms but shorter than 2s, IP5305T will identify the action as
short push. Short push will open SOC indicator LEDs and step-up converter
⚫
If button is pushed longer than 2s, IP5305T will identify the action as long push. Long push will
close step-up convertor, SOC indicator LED and flashlight LED.
⚫
If button is pushed shorter than 30ms, IP5305T will ignore the action.
⚫
If two short push is detected within 1s, IP5305T will open or close flashlight LED
12 IP5305T battery type selection
IP5305T supports 4.2V, 4.3V, 4.35V, 4.4V battery types.Select the corresponding battery type by
pulling down different resistance values on LED1 (pin 2) of IP5305T, which is multiplexed with LED
display output, as shown in Figure 3 (in all light modes, different pull-down resistors can be connected
through LED1) To select the battery type):
Battery type selection
IP5305T’s LED1 RVSET
4.2V
NC
4.3V
43K
1%
4.35V
75K
1%
4.4V
100K
1%
13 IP5305T battery platform selection
IP5305T can select different battery power display thresholds by pulling down resistors
(RVTHS) with different resistance values on LED2 (pin 3) (only valid when 4 power indicator
lights). The connection is shown in Figure 3.
The following table lists the relationship between the power indicator status and the battery
voltage when the resistance of different RVTHS is different. It should be noted that the turn-on voltage
(OCV) in the table is not the actual battery voltage, but after the battery internal resistance
compensation is calculated. The voltage is calculated as follows:
When charging, the turn-on voltage (OCV) = the actual battery voltage (the voltage to ground on
the P5305TBAT (pin 6))-IBAT (the battery-side charging current measured by IP5305T) * RSET (the
cell charging compensation resistor set by IP5305T); During discharge, the turn-on voltage (OCV) =
the actual battery voltage (the voltage to ground on the P5305TBAT (pin 6)) + IBAT (the battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com