Electronic Components Datasheet Search
  English  ▼

X  

IP5209 Datasheet(PDF) 1 Page - Injoinic Technology Co.,Ltd.

Part # IP5209
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5209 Datasheet(HTML) 1 Page - Injoinic Technology Co.,Ltd.

  IP5209 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
1 / 14
Copyright © 2014, Injoinic Corp.
Fully-integrated power bank System-On-Chip with
1.2A charger, 1.0A boost converter
1 Features
Synchronous switching charger and synchronous
boost converter
 1.2A synchronous switching charger, 1.0A
synchronous boost converter
 boost converter efficiency up to 91%
 Switching charger efficiency up to 93%
 Integrated power-path management,
charging batteries and charging cellphones
at the same time
Charger
 Adaptive charging current control, excellent
adapter compatibility
 Support 4.20V,4.30V,4.35V,4.40V batteries
Power display
 Supports 4/3/2/1 LEDs indicator
Fully featured
 Integrated Key ON/OFF
 Integrated flashlight controller
 Integrated cellphone plug-in and plug-out
detector
Low power
 Smart load detector, switching to standby
mode automatically
 <100 µA standby current
Ultra simplified BOM
 Integrated power FET, charging/boosting
with a single inductor
Multiple protections, high reliability
 Output over-current, over-voltage,
short-circuit protection
 Input over-voltage, over-current, battery
over-charge, over-drain, over-current
protection
 Thermal regulation and thermal shutdown,
 ESD 4KV
2 Applications
Power bank, Portable Charger
Mobile Phones, Smart Phones, Handheld Devices,
3 Description
IP5305T is a highly-integrated multi-function
power management SOOC. It integrates a boost
converter, a Li battery charger management system
and a battery state of charge indicate controller. It
provides a turn-key solution for power bank and
portable charger applications.
IP5305T’s high integration and rich features make
the minimized component number in application. It
can effectively downsize the application and lower the
BOM cost.
IP5305T only needs a single inductor to realize
step-down and step-up.
IP5305T's synchronous boost system provides
1.0A output current with a conversion efficiency as
high as 91%. When no-load, it automatically enters
the sleep state, and the quiescent current drops to
100uA. +
IP5305T adopts switch charging technology,
provides 1.2A current, and the charging efficiency is as
high as 92%. Built-in IC temperature and input voltage
intelligently adjust the charging current.
IP5305T supports 1, 2, 3, 4 LED power display.
IP5305T is available in ESOP8 package.


Similar Part No. - IP5209

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5209 INJOINIC-IP5209 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP5209 INJOINIC-IP5209 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP5209 INJOINIC-IP5209 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP5209 INJOINIC-IP5209 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP5209 INJOINIC-IP5209 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
More results

Similar Description - IP5209

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804A SEMTECH-SC804A Datasheet
539Kb / 21P
Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
20V, 14A fully integrated synchronous boost converter
HM5902 HMSEMI-HM5902 Datasheet
3Mb / 15P
Power Bank IC with 1A Linear Charger and 1.2A Boost Converter
logo
NXP Semiconductors
MC34SB0410 NXP-MC34SB0410 Datasheet
1Mb / 54P
Fully integrated quad valve controller system on chip
Rev. 3.0, 8/2016
MC34SB0800 NXP-MC34SB0800 Datasheet
1Mb / 68P
Fully integrated octal valve controller system on chip
Rev. 3.0, 8/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com