Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 117 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 117 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 113Page - Texas Instruments TAS3103ADBT Datasheet HTML 114Page - Texas Instruments TAS3103ADBT Datasheet HTML 115Page - Texas Instruments TAS3103ADBT Datasheet HTML 116Page - Texas Instruments TAS3103ADBT Datasheet HTML 117Page - Texas Instruments TAS3103ADBT Datasheet HTML 118Page - Texas Instruments TAS3103ADBT Datasheet HTML 119Page - Texas Instruments TAS3103ADBT Datasheet HTML 120Page - Texas Instruments TAS3103ADBT Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 154 page
background image
3−54
selection of the quadratic distribution—50% of the 16K dither output samples are of value
±1 (0.5 × 12 ×16,000 = 8000)
and 12.5% of the 16K dither output samples are
±2 (0.125 × 22 × 16,000 = 8000). Figure 3−34(b) is the circular
correlation of 16K samples of dither data from CH2 and 16K samples of dither data from CH3. No points of correlation
are in this plot, verifying that the two data streams are uncorrelated. The random noise terms are approximately
±300
counts in value, as the dither data pattern was inserted at the LSB+1 bit of the output word instead of the LSB bit,
as was the case for triangular dither.
(a) Auto-Correlation Plot − CH1
(b) Correlation Plot − CH2 and CH3
Figure 3−34. Triangular Dither Statistics, Case 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com