Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 113 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 113 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 109Page - Texas Instruments TAS3103ADBT Datasheet HTML 110Page - Texas Instruments TAS3103ADBT Datasheet HTML 111Page - Texas Instruments TAS3103ADBT Datasheet HTML 112Page - Texas Instruments TAS3103ADBT Datasheet HTML 113Page - Texas Instruments TAS3103ADBT Datasheet HTML 114Page - Texas Instruments TAS3103ADBT Datasheet HTML 115Page - Texas Instruments TAS3103ADBT Datasheet HTML 116Page - Texas Instruments TAS3103ADBT Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 154 page
background image
3−50
Dither Block
S
Slave Addr
Ack
Subaddr
Distribution 1 Mix
Ack
Ack
Ack
Ack
Ack
xxxxxxxx
xxxxxxx
l
s
b
xxxxxxxx
m
s
b
xxx
0000
Distribution 2 Mix
Ack
Ack
Ack
Ack
xxxxxxxx
xxxxxxx
l
s
b
xxxxxxxx
m
s
b
xxx
0000
LFSR1 Mix and LFSR2 Mix Are 5.23-Format Coefficients
S
Slave Addr
Ack
Subaddr
Dither Seed
Ack
Ack
Ack
Ack
Ack
xxxxxx
l
s
b
00000000
00000000
m
s
b
xxxxxx
l
s
b
m
s
b
0xC6
0xC7
Condensed
LFSR2
Seed
Condensed
LFSR1
Seed
Linear Feedback Shift Register Block
Dither 1
Dither 2
Dither 3
LFSR1
LFSR2
Seed Build Logic
L
− W 0 +W
0.25
0.5
p
Output
Sampler
St1
St2
St3
St4
St5
St6
O
G
I
C
Σ
Σ
Σ
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
Ack
Ack
xxxxxxxx
xxxxxxx
l
s
b
xxxxxxxx
m
s
b
xxx
0000
0x81
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
Ack
Ack
xxxxxxxx
xxxxxxx
l
s
b
xxxxxxxx
m
s
b
xxx
0000
0x80
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
Ack
Ack
xxxxxxxx
xxxxxxx
l
s
b
xxxxxxxx
m
s
b
xxx
0000
0x7F
NOTE: W = 16
→ 0x0000 0800 0000 in 25.23 Format
Figure 3−31. Dither Data Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com