Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 109 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 109 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 105Page - Texas Instruments TAS3103ADBT Datasheet HTML 106Page - Texas Instruments TAS3103ADBT Datasheet HTML 107Page - Texas Instruments TAS3103ADBT Datasheet HTML 108Page - Texas Instruments TAS3103ADBT Datasheet HTML 109Page - Texas Instruments TAS3103ADBT Datasheet HTML 110Page - Texas Instruments TAS3103ADBT Datasheet HTML 111Page - Texas Instruments TAS3103ADBT Datasheet HTML 112Page - Texas Instruments TAS3103ADBT Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 154 page
background image
3−46
Table 3−7. DRC Example 4 Parameters
DRC
PARAMETER
REQUIRED (SPECIFIED) VALUE
(NET GAINSAP Input-DRC = 0 dB)
I2C COEFFICIENT VALUE
T2
−22 dBInput
≥ −70 dB
DRC
−70/−6.0206 = 11.626748
= 0x0000 05D0 394825.23 format
T1
−102 dBInput
≥ −150 dB
DRC
−150/−6.0206 = 24.91446
= 0x0000 0C75 0D0925.23 format
O2
100 dB
(100 + 24.0824)/6.0206 = 20.609640
= 0x0000 0A4E 08B025.23 format
O1
0 dB
(0 + 24.0824)/6.0206 = 4.000000
= 0x0000 0200 000025.23 format
k2
1:1.4 expansion
1.4 − 1 = 0.4 = 0x0333 3335.23 format
k1
1:−1 transfer
(1/−1) − 1 = −1 −1 = −2 = 0XF0000005.23 format
k0
1:1.5 expansion
1.5 − 1 = 0.5 = 0x0400 0005.23 format
3.8
Spectrum Analyzer/VU Meter
The TAS3103A contains an I2C bus programmable function block that can serve as either a spectrum analyzer or
a volume unit (VU) meter. Figure 3−29 shows the structure of this function block and lists the I2C subaddress of the
parameters that control it.
The block consists of 10 biquad filters, each followed by an rms estimator and a logarithmic converter. Two nodes
provide input to the block, with each node servicing five of the 10 biquad filters. Audio from input node s can either
come exclusively from channel 1, channel 2, channel 3, or from a gain-weighted combination of these channels. Audio
from input node t can also come exclusively from either channel 1, channel 2, or channel 3, or from a gain-weighted
combination of these channels. The spectrum analyzer then can be used to divide the audio frequency band into 10
frequency bins to examine the spectrum of the audio data stream on channel 1, channel 2, channel 3, or any
combination of these channels. The spectrum analyzer can also be used to divide the audio frequency band into five
frequency bins to examine the spectral content of two of the channels independently.
The VU meter is a special case of the spectrum analyzer that uses only the outputs from biquad 5 and biquad 6.
Typically, for the VU meter, one channel would be routed to biquad 5 (node s) and a different channel would be routed
to biquad 6 (node t). Each biquad filter would be assigned a band-pass transfer function that encompasses most of
the audio band, or the filter could be configured as a pass-through device to see the full spectral band. The two outputs
then would be a measure of the energy on the two channels. Other options for the VU meter are also available. For
example, by properly setting the coefficients on biquad 5 and biquad 6, the concurrent measurement of bass and
treble volume levels on a single channel could be made.
Mixer and summation elements preceding the two input nodes s and t provide a means of adjusting the spectrum
analyzer and VU meter outputs relative to the incoming audio data stream. The spectrum analyzer and VU meter
outputs are unsigned 5.3-format, base-2 logarithmic numbers. The integer part of the number designates the
most-significant bit [in the 48-bit digital audio processor(DAP) word] occupied by the magnitude of the rms estimate
of the biquad filter output. A value of 31 means the magnitude of the rms estimate occupies bit 47 of the 48-bit DAP
word (bit 48 is the sign bit, and using the absolute value of the biquad filter output in determining the rms estimate
makes this bit always 0 in value). A value of 30 means the magnitude of the rms estimate occupies bit 46 and this
pattern continues with a value of 1 signifying the magnitude of the rms estimate occupies bit 17. A value of 0 signifies
that the magnitude of the rms estimate is below bit 17. The fractional digits in the 5.3-formatted number are simply
the three bits below the most-significant data bit. If the rms estimate lies below bit 16 of the 48-bit DAP word, the
spectrum analyzer/VU meter output is 0.0. Figure 3−27 gives examples of logarithmic outputs for different 48-bit rms
estimate values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com