Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 105 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 105 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 101Page - Texas Instruments TAS3103ADBT Datasheet HTML 102Page - Texas Instruments TAS3103ADBT Datasheet HTML 103Page - Texas Instruments TAS3103ADBT Datasheet HTML 104Page - Texas Instruments TAS3103ADBT Datasheet HTML 105Page - Texas Instruments TAS3103ADBT Datasheet HTML 106Page - Texas Instruments TAS3103ADBT Datasheet HTML 107Page - Texas Instruments TAS3103ADBT Datasheet HTML 108Page - Texas Instruments TAS3103ADBT Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 154 page
background image
3−42
When T1 and T2 are set equal, the following questions arise:
•
If O1
≠ O2, what roles do O1 and O2 have?
•
Which slope parameter, k0 or k1, has control of the transfer function for input levels below the common
threshold point?
•
Does k2 control the transfer function for inputs above the common threshold point?
This example addresses and answers those questions.
Table 3−6. DRC Example 3 Parameters
DRC
PARAMETER
REQUIRED (SPECIFIED) VALUE
(NET GAINSAP Input-DRC = 0 dB)
I2C COEFFICIENT VALUE
T1 and T2
−148.7 dBInput
≥ −172.7 dB
DRC
−172.7/−6.0206 = 28.684849
= 0x0000 0E57 A91F25.23 format
O2
−20 dB
(−20 + 24.0824)/6.0206 = 0.678072
= 0x0000 0056 CB0F25.23 format
O1
10 dB
(10 + 24.0824)/6.0206 = 5.660964
= 0x0000 02D4 9A7825.23 format
k2
∞:1 compression
(1/
∞) − 1 = −1 = 0xF800 0005.23 format
k1
1:1 transfer
(1/1) − 1 = 0 = 0x0000 0005.23 format
k0
2:1 compression
(1/2) − 1 = −0.5 = 0xFC00 0005.23 format
For this example it is assumed that a net processing gain of 24 (24 dB) is realized from the SAP input and the DRC
(which is identical to the net processing gain assumed for Example 1). The 24 gain results in reducing the 8-bit
headroom in the 48-bit DAP word to a headroom of four bits. The 32-bit data into the DRC then resides in bits 27:0,
which means that the data level into the DRC is down 24 dB with respect to the input level at the SAP. Data input into
the TAS3103A (SAP) at a level of −148.7 dB is seen as a −148.7 dB − 24 dB = −172.7-dB signal at the DRC. T1 and
T2 must be set to −172.7 dB to realize a common threshold point at an incoming signal level of −148.7 dB.
Figure 3−27 shows the transfer function resulting from entering the I2C coefficient values given in Table 3−6. At the
T1/T2 threshold, a discontinuity of 30 dB is observed. For inputs above the threshold, the transfer curve is horizontal
(infinite compression), and the horizontal line starts 20 dB above the 1:1 transfer curve at the threshold point. Thus,
for cases when T1 = T2, O2 governs the offset with regard to the starting point of the transfer curve above the common
threshold point and k2 determines the slope of the transfer curve. For inputs below the common threshold point, the
transfer curve exhibits a 2:1 compression and starts 10 dB below the 1:1 transfer curve. Thus, O1 sets the offset at
the threshold point for the transfer curve at and below the common threshold point and k0 determines the slope of
this curve. Slope parameter k1 plays no role when T1 = T2. The value of 0 (1:1 transfer) used in this example for k1
could be changed to any value and the resulting transfer function would not be altered. The change from a 2:1
compression to a 1:1 transfer at −192 dB is due to 32-bit dynamic range saturation at the DRC input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com