Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 103 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 103 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 99Page - Texas Instruments TAS3103ADBT Datasheet HTML 100Page - Texas Instruments TAS3103ADBT Datasheet HTML 101Page - Texas Instruments TAS3103ADBT Datasheet HTML 102Page - Texas Instruments TAS3103ADBT Datasheet HTML 103Page - Texas Instruments TAS3103ADBT Datasheet HTML 104Page - Texas Instruments TAS3103ADBT Datasheet HTML 105Page - Texas Instruments TAS3103ADBT Datasheet HTML 106Page - Texas Instruments TAS3103ADBT Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 154 page
background image
3−40
The transfer curve remains a constant 24 dB above the 1:1 transfer curve for input levels above and below T2 until
the computed DRC gain coefficient falls within the dynamic range of a 5.23-format number. For input levels above
T2, k2 implements a 5:1 compression. At an input level 7.5 dB above T2 (−62.5 dB), the DRC transfer curve has risen
7.5/5 = 1.5 dB. The boost at this point is 30 dB – (7.5 dB – 1.5 dB) = 24 dB. The DRC has come out of gain saturation.
For input levels above −62.5 dB, the transfer curve exhibits 5:1 compression.
Table 3−5. DRC Example 2 Parameters
DRC
PARAMETER
REQUIRED (SPECIFIED) VALUE
(NET GAINSAP Input-DRC = 0 dB)
I2C COEFFICIENT VALUE
T1 and T2
−148.7 dBInput
≥ −172.7 dB
DRC
−172.7/−6.0206 = 28.684849
= 0x0000 0E57 A91F25.23 format
O2
−20 dB
(−20 + 24.0824)/6.0206 = 0.678072
= 0x0000 0056 CB0F25.23 format
O1
10 dB
(10 + 24.0824)/6.0206 = 5.660964
= 0x0000 02D4 9A7825.23 format
k2
∞:1 compression
(1/
∞) − 1 = −1 = 0xF800 0005.23 format
k1
1:1 transfer
(1/1) − 1 = 0 = 0x0000 0005.23 format
k0
2:1 compression
(1/2) − 1 = −0.5 = 0xFC00 0005.23 format
For input levels below T2, k1 implements a 1:2 expansion. With a 1:2 expansion in effect, the transfer curve has
dropped 12 dB at an input level 6 dB below T2. The boost at this level is 30 dB − (12 dB − 6 dB) = 24 dB. The DRC
gain coefficient has again come out of saturation. For input levels below −76 dB and above −150 dB, the transfer curve
exhibits a 1:2 expansion.
At T1 (–150 dB), the transfer curve is 50 dB below the 1:1 transfer curve. Because O1 = 50 dB, there is no discontinuity
in the transfer function. For inputs below −150 dB, k0 implements a 2:1 compression. The change from a 2:1
compression to a 1:1 transfer at −192 dB is due to 32-bit dynamic range saturation at the DRC input.
3.7.3.3 Example 3—1:1 Transfer/Infinite Compression With Minimum Gain Saturation, 32-Bit
Dynamic Range Saturation, and Equal Threshold Settings (T1 = T2)
The DRC transfer function parameters for this example are given in Table 3−6. In addition to illustrating minimum gain
saturation, this example also illustrates the operation of the DRC when T1 and T2 are set equal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com