Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 107 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 107 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 103Page - Texas Instruments TAS3103ADBT Datasheet HTML 104Page - Texas Instruments TAS3103ADBT Datasheet HTML 105Page - Texas Instruments TAS3103ADBT Datasheet HTML 106Page - Texas Instruments TAS3103ADBT Datasheet HTML 107Page - Texas Instruments TAS3103ADBT Datasheet HTML 108Page - Texas Instruments TAS3103ADBT Datasheet HTML 109Page - Texas Instruments TAS3103ADBT Datasheet HTML 110Page - Texas Instruments TAS3103ADBT Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 154 page
background image
3−44
The horizontal slope of the transfer curve above the common threshold point does not remain horizontal indefinitely.
At a point 158 dB above the common threshold point (−14.7-dB DRC input level), the transfer function has gone from
a boost of 20 dB to a cut of 138 dB. A cut of 138 dB is the maximum cut possible for a 5.23-format gain coefficient
(2−23
≥ 23 octaves × 6 dB/octave = 138 dB). Thus, at a DRC input level of −14.7 dB, minimum gain saturation has
been reached. For inputs above this saturation point, the DRC-derived gain coefficient remains constant at the
minimum gain value (2−23), and the transfer function exhibits a 1:1 transfer slope.
3.7.3.4 Example 4—Expansion/Cut/Expansion With Gain Saturation and 32-Bit Dynamic Range
Saturation
The three previous examples restricted the slope factor k to lie in the range k
≥ −1. This example illustrates the transfer
characteristic obtained using a value of k less than −1. For this example it is assumed that the net processing gain
into the DRC is 0 dB. This means that the 8-bit headroom in the 48-bit DAP processing word structure does not contain
data. Because the DRC receives the upper 32 bits of this 48-bit word, data at the DRC is down 48 dB (8 bits
× 6 dB/bit
= 48 dB) with respect to the signal level at the SAP input (TAS3103A input). The transfer function parameters for this
example are given in Table 3−7. Figure 3−28 shows the transfer function resulting from entering the I2C coefficient
values given in Table 3−7.
At the threshold point T2 (−70 dB), the transfer function is 100 dB below the 1:1 transfer slope (O2 = 100 dB). For
input levels above T2, the transfer function exhibits a 1:1.4 expansion. For input levels below T2, the transfer function
exhibits a negative slope; for every dB the input decreases, the output increases by 1 dB. At an input level 62 dB below
T2 (−132 dB), the transfer curve has risen 62 dB, for a net boost of 124 dB. The transfer curve at this input level is
24 dB above the 1:1 transfer curve. This boost value puts the DRC-derived gain coefficient into gain saturation. For
input levels below −132 dB, the gain coefficient remains constant at maximum gain and the transfer function exhibits
a 1:1 transfer slope, parallel to the 1:1 transfer curve but 24 dB above it.
At T1 (–150 dB), the transfer curve snaps back to the 1:1 transfer curve because O1 = 0 dB. The DRC gain coefficient
is no longer in gain saturation and for inputs below −150 dB, the transfer function exhibits a 1:1.5 expansion. The
change from a 1:1.5 expansion to a 1:1 transfer below −192 dB is the result of 32-bit dynamic range saturation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com