Electronic Components Datasheet Search
  English  ▼

X  

TPIC1021 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC1021
Description  TPIC1021 LIN Physical Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC1021 Datasheet(HTML) 3 Page - Texas Instruments

  TPIC1021 Datasheet HTML 1Page - Texas Instruments TPIC1021 Datasheet HTML 2Page - Texas Instruments TPIC1021 Datasheet HTML 3Page - Texas Instruments TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
5 Description (continued)
The LIN Protocol output data stream on the TXD pin is converted by the TPIC1021 into the LIN bus signal
through a current limited, wave-shaping low-side driver with control as outlined by the LIN Physical Layer
Specification Revision 2.1. The receiver converts the data stream from the LIN bus and outputs the data stream
via the RXD pin.
In Low Power mode, the TPIC1021 requires very low quiescent current even though the wake-up circuits remain
active allowing for remote wake up via the LIN bus or local wake ups via NWake or EN pins.
The TPIC1021 has been designed for operation in the harsh automotive environment. The device can handle
LIN bus voltage swing from 40 V down to ground and survive –40 V. The device also prevents back feed current
through the LIN pin to the supply input in case of a ground shift or supply voltage disconnection. It also features
under-voltage, over temperature, and loss of ground protection. In the event of a fault condition the output is
immediately switched off and remains off until the fault condition is removed.
6 Pin Configuration and Functions
1
RXD
8
INH
2
ED
7
VSUP
3
NWake
6
LIN
4
TXD
5
GND
Not to scale
Figure 6-1. D Package, 8-Pin SOIC
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
RXD
O
RXD output (open drain) pin interface reporting state of LIN bus voltage
2
ED
I
Enable input pin
3
NWake
I
High voltage input pin for device wake up
4
TXD
I
TXD input pin interface to control state of LIN output
5
GND
I
Ground connection
6
LIN
I/O
LIN bus pin single wire transmitter and receiver
7
VSUP
Supply
Device supply pin (connected to battery in series with external reverse blocking diode)
8
INH
O
Inhibit pin controls external voltage regulator with inhibit input
www.ti.com
TPIC1021
SLIS113E – OCTOBER 2004 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPIC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com