Electronic Components Datasheet Search
  English  ▼

X  

TPIC1021 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPIC1021
Description  TPIC1021 LIN Physical Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC1021 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments TPIC1021 Datasheet HTML 10Page - Texas Instruments TPIC1021 Datasheet HTML 11Page - Texas Instruments TPIC1021 Datasheet HTML 12Page - Texas Instruments TPIC1021 Datasheet HTML 13Page - Texas Instruments TPIC1021 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
8.4 Device Functional Modes
8.4.1 Operating States
Unpowered
System
Standby
Mode
Normal Mode
Low Power
Mode
A
C
A
B
EN = 1
EN = 1
EN = 0
A
LIN Bus Wake−UP
or
NWake Pin Wake−Up
VSUP < VSUP_under
TXD: off
RXD: LOW
INH: HIGH (high
side switched on)
Term: 30 k
TXD: on
RXD: LIN bus data
INH: HIGH (high
side switched on)
Term: 30 k
TXD: off
RXD: floating
INH: high
impedance (high
side switched off)
Term: high
A: VSUP < VSUP_under
B: VSUP > VSUP_unde, EN = 0
C:VSUP > VSUP_unde, EN = 1
Figure 8-1. Operating States Diagram
Table 8-1. Operating Modes
MODE
EN
RXD
LIN BUS
TERMINATION
INH
TRANSMITTER
COMMENTS
Low Power
0
Floating
High impedance
High impedance
Off
Standby
0
Low
30 kΩ (typical)
High
Off
Wake-up event detected,
waiting on MCU to set EN
Normal
1
LIN bus data
30 kΩ (typical)
High
On
8.4.1.1 Normal Mode
This is the normal operational mode where the receiver and driver are active. The receiver detects the data
stream on the LIN bus and outputs it on the RXD pin for the LIN controller where recessive on the LIN bus is a
digital high and dominate on the LIN bus is digital low. The driver transmits input data on the TXD pin to the LIN
bus.
TPIC1021
SLIS113E – OCTOBER 2004 – REVISED MAY 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPIC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com