Electronic Components Datasheet Search
  English  ▼

X  

TPIC1021 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC1021
Description  TPIC1021 LIN Physical Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC1021 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC1021 Datasheet HTML 1Page - Texas Instruments TPIC1021 Datasheet HTML 2Page - Texas Instruments TPIC1021 Datasheet HTML 3Page - Texas Instruments TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VSUP (2)
Supply line supply voltage
Continuous
0
27
V
Transient
0
40
V
NWake DC and transient input voltage (through 33-kΩ serial resistor)
–1
40
V
Logic pin input voltage (RXD, TXD, EN)
–0.3
5.5
V
LIN DC input voltage
–40
40
V
TA
Operational free-air temperature
–40
125
°C
TJ
Junction temperature
–40
150
°C
Thermal shutdown
200
°C
Thermal shutdown hysteresis
25
°C
Tstg
Storage temperature range
–40
165
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Section 7.3 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
7.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1) (2)
LIN pin
±12000
V
NWake pin
±9000
All other pins
±3000
Machine model(3)
LIN and NWake pins
±400
All other pins
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-kΩ resistor into each pin.
(3)
The machine model is a 200-pF capacitor through a 10-Ω resistor and a 0.75-µH coil.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TSUP
Supply voltage
7
27
V
TAMB
Ambient temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
TPIC1021
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
145
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
61.9
°C/W
RθJB
Junction-to-board thermal resistance
55.5
°C/W
ψJT
Junction-to-top characterization parameter
14.3
°C/W
ψJB
Junction-to-board characterization parameter
55
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TPIC1021
SLIS113E – OCTOBER 2004 – REVISED MAY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPIC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com