Electronic Components Datasheet Search
  English  ▼

X  

TPIC1021 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPIC1021
Description  TPIC1021 LIN Physical Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC1021 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments TPIC1021 Datasheet HTML 10Page - Texas Instruments TPIC1021 Datasheet HTML 11Page - Texas Instruments TPIC1021 Datasheet HTML 12Page - Texas Instruments TPIC1021 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
8.3.2 Transmit Input Pin (TXD)
This pin is the interface to the MCU’s LIN Protocol Controller or SCI/UART used to control the state of the LIN
output. When TXD is low, LIN output is dominant (near ground). When TXD is high, LIN output is recessive (near
battery). TXD input structure is compatible with microcontrollers with 3.3 V and 5.0 V I/O. This pin has an internal
pull-down resistor.
8.3.2.1 TXD Dominant State Timeout
If the TXD pin is inadvertently driven permanently low by a hardware or software application failure, the LIN bus
is protected by TPIC1021’s Dominant State Timeout Timer. This timer is triggered by a falling edge on the TXD
pin. If the low signal remains on the TXD pin for longer than tDST, the transmitter is disabled thus allowing the LIN
bus to return to the recessive state and communication to resume on the bus. The timer is reset by a rising edge
on TXD pin.
8.3.3 Receive Output Pin (RXD)
This pin is the interface to the LIN protocol controller or SCI/UART of the MCU, which reports the state of the LIN
bus voltage. LIN recessive (near battery) is represented by a high level on RXD and LIN dominant (near ground)
is represented by a low level on RXD. The RXD output structure is an open-drain output stage. This allows the
TPIC1021 to be used with 3.3 V and 5 V I/O microcontrollers. If the microcontroller’s RXD pin does not have an
integrated pull-up, an external pull-up resistor to the microcontroller I/O supply voltage is required.
8.3.3.1 RXD Wake-up Request
When the TPIC1021 has been in low power mode and encounters a wake-up event from the LIN bus or NWake
pin the RXD pin will go LOW while the device enters and remains in Standby Mode (until EN is re-asserted high
and the device enters Normal Mode).
8.3.4 Ground (GND)
This is the TPIC1021 device ground connection. The TPIC1021 operates with a ground shift as long as the
ground shift does not reduce VSUP below the minimum operating voltage. If there is a loss of ground at the ECU
level, the TPIC1021 does not have a significant current consumption on the LIN pin while in the recessive state
(<100 µA sourced via the LIN pin) and for the dominant state the pull-up resistor should be active.
8.3.5 Enable Input Pin (EN)
The enable input pin controls the operation mode of the TPIC1021 (Normal or Low Power Mode). When enable
is high, the TPIC1021 is in normal mode allowing a transmission path from TXD to LIN and from LIN to RXD.
When the enable input is low, the device is put into low power (sleep) mode and there are no transmission
paths. The device can enter normal operating mode only after being woken up. The enable pin has an internal
pull-down resistor to ensure the device remains in low power mode even if the enable pin floats.
8.3.6 NWake Input Pin (NWake)
The NWake input pin is a high-voltage input used to wake up the TPIC1021 from low power mode. NWake is
usually connected to an external switch in the application. A falling edge on NWake with a low that is asserted
longer than the filter time (tNWAKE) results in a local wake-up. The NWake pin provides an internal pull-up current
source to VSUP.
8.3.7 Inhibit Output Pin (INH)
The inhibit output pin is used to control an external voltage regulator that has an inhibit input. When the
TPIC1021 is in normal operating mode, the inhibit high-side switch is enabled and the external voltage regulator
is activated. When TPIC1021 is in low power mode, the inhibit switch is turned off, which disables the voltage
regulator. A wake-up event on for the TPIC1021 will return the INH pin to VSUP level. The INH pin output current
is limited to 2 mA. The INH pin can also drive an external transistor connected to an MCU interrupt input.
www.ti.com
TPIC1021
SLIS113E – OCTOBER 2004 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPIC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com