Electronic Components Datasheet Search
  English  ▼

X  

TPIC1021 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPIC1021
Description  TPIC1021 LIN Physical Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC1021 Datasheet(HTML) 5 Page - Texas Instruments

  TPIC1021 Datasheet HTML 1Page - Texas Instruments TPIC1021 Datasheet HTML 2Page - Texas Instruments TPIC1021 Datasheet HTML 3Page - Texas Instruments TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
7.5 Electrical Characteristics
VSUP = 7 V to 27 V, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SUPPLY
Operational supply voltage(2)
7
14
27
V
Nominal supply line voltage(2)
7
14
18
V
VSUP undervoltage threshold(2)
4.5
V
ICC
Supply Current
Normal Mode, EN = 1, Bus dominant
(total bus load > 500 Ω)(3)
1.2
2.5
mA
Standby Mode, EN = 0, Bus dominant
(total bus load > 500 Ω)(3)
1
2.1
mA
Normal Mode, EN = 1, Bus recessive
300
500
µA
Standby Mode, EN = 0, Bus recessive
300
500
µA
Low Power Mode, EN = 0, VSUP < 14 V,
NWake = VSUP , LIN = VSUP
20
50
µA
Low Power Mode, EN = 0, 14 V < VSUP <
27 V, NWake = VSUP, LIN = VSUP
50
100
µA
RXD OUTPUT PIN
VO
Output voltage
-0.3
5.5
V
IOL
Low-level output current, open drain LIN = 0 V, RXD = 0.4 V
3.5
mA
IIKG
Leakage current, high-level
LIN = VSUP, RXD = 5 V
-5
0
5
µA
TXD INPUT PIN
VIL
Low-level input voltage(2)
-0.3
0.8
V
VIH
High-level input voltage(2)
2
5.5
V
VIT
Input threshold hysteresis voltage(2)
30
500
mV
Pull-down resistor
125
350
800
kΩ
IIL
Low-level input current
TXD = 0
-5
0
5
µA
LIN PIN (Referenced to VSUP)
VOH
High-level output voltage(2)
LIN recessive, TXD = High, IO = 0 mA
VSUP-1V
V
VOL
Low-level output voltage(2)
LIN dominant, TXD = Low, IO = 40 mA
0
0.2×VSUP
V
Pull-up resistor to VSUP
20
30
60
kΩ
IL
Limiting current
TXD = Low
50
150
250
mA
IIKG
Leakage current
LIN = VSUP
-5
0
5
µA
VIL
Low-level input voltage(2)
LIN dominant
0×VSUP
0.4×VSUP
V
VIH
High-level input voltage(2)
LIN recessive
0.6×VSUP
VSUP
V
VIT
Input threshold voltage(2)
0.4×VSUP
0.5×VSUP
0.6×VSUP
V
Vhys
Hysteresis voltage(2)
0.05×VSUP
0.175×VSUP
V
VIL
Low-level input voltage for wake-
up(2)
0
0.4×VSUP
V
EN PIN
VIL
Low-level input voltage(2)
-0.3
0.8
V
VIH
High-level input voltage(2)
2
5.5
V
Vhys
Hysteresis voltage(2)
30
500
mV
Pull-down resistor
125
350
800
kΩ
IIL
Low-level input current
EN = 0 V
-5
0
5
µA
www.ti.com
TPIC1021
SLIS113E – OCTOBER 2004 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPIC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com