Electronic Components Datasheet Search
  English  ▼

X  

TPS2811 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2811 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2811 Datasheet HTML 1Page - Texas Instruments TPS2811 Datasheet HTML 2Page - Texas Instruments TPS2811 Datasheet HTML 3Page - Texas Instruments TPS2811 Datasheet HTML 4Page - Texas Instruments TPS2811 Datasheet HTML 5Page - Texas Instruments TPS2811 Datasheet HTML 6Page - Texas Instruments TPS2811 Datasheet HTML 7Page - Texas Instruments TPS2811 Datasheet HTML 8Page - Texas Instruments TPS2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TPS2811-Q1
www.ti.com
SLVSAE0 – JUNE 2010
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage
−0.3 V to 15 V
Regulator input voltage range
REG_IN
VCC
−0.3 V to 42 V
Input voltage range
1IN, 2IN
−0.3 V to VCC +0.5 V
Output voltage range
1OUT, 2OUT
–0.5 < V < VCC +0.5 V
Continuous regulator output current
REG_OUT
25 mA
Continuous output current
1OUT, 2OUT
±100 mA
TA
Operating ambient temperature range
−40°C to 125°C
Tstg
Storage temperature range
−65°C to 150°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to device GND pin.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Regulator input voltage
8
40
V
VCC
Supply voltage
4
14
V
Input voltage
1IN, 2IN
-0.3
VCC
V
Continuous regulator output current
REG_OUT
0
20
mA
TA
Operating ambient temperature range
-40
125
°C
ELECTRICAL CHARACTERISTICS
over recommended operating ambient temperature range, VCC = 10 V, REG_IN open, CL = 1 nF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
INPUTS
VCC = 5 V
3.3
4
VT+
Positive-going input threshold voltage
VCC = 10 V
5.8
9
V
VCC = 14 V
8.3
13
VCC = 5 V
1
1.6
VT_
Negative-going input threshold voltage
VCC = 10 V
1
4.2
V
VCC = 14 V
1
6.2
Input hysteresis
VCC = 5 V
1.6
V
II
Input current
Inputs = 0 V or VCC
-1
0.2
1
µA
CI
Input capacitance
5
10
pF
OUTPUTS
IO = −1 mA
9.75
9.9
VOH
High-level output voltage
V
IO = −100 mA
8
9.1
IO = 1 mA
0.18
0.25
VOL
Low-level output voltage
V
IO = 100 mA
1
2
IO
Peak output current
VCC = 10 V
2
A
REGULATOR
VO
Output voltage
14
≤ REG_IN ≤ 40 V, 0 ≤ IO ≤ 20 mA
10
11.5
13
V
Output voltage in dropout
IO = 10 mA, REG_IN = 10 V
9
9.6
V
SUPPLY CURRENT
ICC
Supply current into VCC
Inputs high or low
0.2
5
µA
Supply current into REG_IN
REG_IN = 20 V, REG_OUT open
40
100
µA
(1)
Typical values are at TA = 25°C unless otherwise noted.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2811-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com