Electronic Components Datasheet Search
  English  ▼

X  

TPS2811 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2811 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2811 Datasheet HTML 5Page - Texas Instruments TPS2811 Datasheet HTML 6Page - Texas Instruments TPS2811 Datasheet HTML 7Page - Texas Instruments TPS2811 Datasheet HTML 8Page - Texas Instruments TPS2811 Datasheet HTML 9Page - Texas Instruments TPS2811 Datasheet HTML 10Page - Texas Instruments TPS2811 Datasheet HTML 11Page - Texas Instruments TPS2811 Datasheet HTML 12Page - Texas Instruments TPS2811 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
8
7
4
8
12
16
20
24
11
12
14
28
32
36
40
REGULATOR OUTPUT VOLTAGE
vs
REGULATOR INPUT VOLTAGE
TA = −55°C
TA = 25°C
TA = 125°C
RL = 10 kΩ
Regulator Input Voltage − V
13
10
6
5
4
8
6
5
4
6
8
10
10
12
13
12
14
11
9
7
4
REGULATOR OUTPUT VOLTAGE
vs
REGULATOR INPUT VOLTAGE
TA = 125°C
TA = −55°C
TA = 25°C
RL = 10 kΩ
Regulator Input Voltage − V
1
.5
0
4
6
8
10
1.5
2
2.5
12
14
PEAK SOURCE CURRENT
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
RL = 0.5 Ω
f = 100 kHz
Duty Cycle = 5%
TA = 25°C
25
20
10
0
4
8
12
16
20
24
35
45
50
28
32
36
40
TA = 25°C
TA = 125°C
TA = −55°C
40
30
15
5
REGULATOR QUIESCENT CURRENT
vs
REGULATOR INPUT VOLTAGE
RL = 10 kΩ
Regulator Input Voltage − V
TPS2811-Q1
www.ti.com
SLVSAE0 – JUNE 2010
Figure 12.
Figure 13.
Figure 14.
Figure 15.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2811-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com