Electronic Components Datasheet Search
  English  ▼

X  

TPS2811 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2811 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2811 Datasheet HTML 7Page - Texas Instruments TPS2811 Datasheet HTML 8Page - Texas Instruments TPS2811 Datasheet HTML 9Page - Texas Instruments TPS2811 Datasheet HTML 10Page - Texas Instruments TPS2811 Datasheet HTML 11Page - Texas Instruments TPS2811 Datasheet HTML 12Page - Texas Instruments TPS2811 Datasheet HTML 13Page - Texas Instruments TPS2811 Datasheet HTML 14Page - Texas Instruments TPS2811 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TPS2811-Q1
www.ti.com
SLVSAE0 – JUNE 2010
APPLICATION INFORMATION
The TPS2811 circuits each contain one regulator and two MOSFET drivers. The regulator can be used to limit
VCC to between 10 V and 13 V for a range of input voltages from 14 V to 40 V, while providing up to 20 mA of dc
drive. The TPS2811 has inverting drivers. These MOSFET drivers are capable of supplying up to 2.1 A or sinking
up to 1.9 A (see Figures 15 and 16) of instantaneous current to n-channel or p-channel MOSFETs. The
TPS2811 MOSFET drivers have very fast switching times combined with very short propagation delays. These
features enhance the operation of today’s high-frequency circuits.
The CMOS input circuit has a positive threshold of approximately 2/3 of VCC, with a negative threshold of 1/3 of
VCC, and a very high input impedance in the range of 109Ω. Noise immunity is also very high because of the
Schmitt-trigger switching. In addition, the design is such that the normal shoot-through current in CMOS (when
the input is biased halfway between VCC and ground) is limited to less than 6 mA. The limited shoot-through is
evident in the graphs in Figures 17 and 18. The input stage shown in the functional block diagram better
illustrates the way the front end works. The circuitry of the device is such that regardless of the rise and/or fall
time of the input signal, the output signal will always have a fast transition speed; this basically isolates the
waveforms at the input from the output. Therefore, the specified switching times are not affected by the slopes of
the input waveforms.
The basic driver portion of the circuits operate over a supply voltage range of 4 V to 14 V with a maximum bias
current of 5 µA. Each driver consists of a CMOS input and a buffered output with a 2-A instantaneous drive
capability. They have propagation delays of less than 30 ns and rise and fall times of less than 20 ns each.
Placing a 0.1-µF ceramic capacitor between VCC and ground is recommended; this will supply the instantaneous
current needed by the fast switching and high current surges of the driver when it is driving a MOSFET.
The output circuit is also shown in the functional block diagram. This driver uses a unique combination of a
bipolar transistor in parallel with a MOSFET for the ability to swing from VCC to ground while providing 2 A of
instantaneous driver current. This unique parallel combination of bipolar and MOSFET output transistors provides
the drive required at VCC and ground to guarantee turn-off of even low-threshold MOSFETs. Typical bipolar-only
output devices don’t easily approach VCC or ground.
The regulator included in the TPS2811 has an input voltage range of 14 V to 40 V. It produces an output voltage
of 10 V to 13 V and is capable of supplying from 0 to 20 mA of output current. In grounded source applications,
this extends the overall circuit operation to 40 V by clamping the driver supply voltage (VCC) to a safe level for
both the driver and the MOSFET gate. The bias current for full operation is a maximum of 150 µA. A 0.1-µF
capacitor connected between the regulator output and ground is required to ensure stability. For transient
response, an additional 4.7-µF electrolytic capacitor on the output and a 0.1-µF ceramic capacitor on the input
will optimize the performance of this circuit. When the regulator is not in use, it can be left open at both the input
and the output, or the input can be shorted to the output and tied to either the VCC or the ground pin of the chip.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2811-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com