Electronic Components Datasheet Search
  English  ▼

X  

TPS2811 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2811 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2811 Datasheet HTML 2Page - Texas Instruments TPS2811 Datasheet HTML 3Page - Texas Instruments TPS2811 Datasheet HTML 4Page - Texas Instruments TPS2811 Datasheet HTML 5Page - Texas Instruments TPS2811 Datasheet HTML 6Page - Texas Instruments TPS2811 Datasheet HTML 7Page - Texas Instruments TPS2811 Datasheet HTML 8Page - Texas Instruments TPS2811 Datasheet HTML 9Page - Texas Instruments TPS2811 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TPS2811-Q1
SLVSAE0 – JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS
Table 1. Characteristics Graphs and Application Information
PARAMETER
vs PARAMETER 2
FIGURE
Typical Characteristics
Rise time
Supply voltage
4
Fall time
Supply voltage
5
Propagation delay time
Supply voltage
6, 7
Supply voltage
8
Supply current
Load capacitance
9
Ambient temperature
0
Input threshold voltage
Supply voltage
11
Regulator output voltage
Regulator input voltage
12, 13
Regulator quiescent current
Regulator input voltage
14
Peak source current
Supply voltage
15
Peak sink current
Supply voltage
16
Input voltage, high-to-low
17
Shoot-through current
Input voltage, low-to-high
18
General Applications
Switching test circuits and application information
19, 20
Low-to-high
21, 22, 23
Voltage of 1OUT vs 2OUT
Time
High-to-low
24, 25, 26
Circuit for Measuring Paralleled Switching Characteristics
Switching test circuits and application information
27
Low-to-high
28, 30
Input voltage vs output voltage
Time
High-to-low
29, 31
Hex-1 to Hex-4 Application Information
Driving test circuit and application information
32
Hex-1 size
33
Hex-2 size
36
Drain-source voltage vs drain current
Time
Hex-3 size
39
Hex-4 size
41
Hex-4 size parallel drive
45
Hex-1 size
34
Hex-2 size
37
Time
Hex-3 size
40
Hex-4 size
43
Hex-4 size parallel drive
46
Hex-1 size
35
Hex-2 size
38
Time
Hex-3 size
42
Hex-4 size
44
Hex-4 size parallel drive
47
Synchronous Buck Regulator Application
3.3-V 3-A Synchronous-Rectified Buck Regulator Circuit
48
Q1 drain voltage vs gate voltage at turn-on
Time
49
Q1 drain voltage vs gate voltage at turn-off
Time
50
Q1 drain voltage vs Q2 gate-source voltage
Time
51, 52, 53
3 A
54
Output ripple voltage vs inductor current
Time
5 A
55
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2811-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com