Electronic Components Datasheet Search
  English  ▼

X  

TPS2811 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2811 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2811 Datasheet HTML 1Page - Texas Instruments TPS2811 Datasheet HTML 2Page - Texas Instruments TPS2811 Datasheet HTML 3Page - Texas Instruments TPS2811 Datasheet HTML 4Page - Texas Instruments TPS2811 Datasheet HTML 5Page - Texas Instruments TPS2811 Datasheet HTML 6Page - Texas Instruments TPS2811 Datasheet HTML 7Page - Texas Instruments TPS2811 Datasheet HTML 8Page - Texas Instruments TPS2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
2
3
4
5
6
7
8
PW PACKAGE
(TOP VIEW)
REG_IN
1IN
GND
2IN
2OUT
V
CC
1OUT
REG_OUT
TPS2811-Q1
www.ti.com
SLVSAE0 – JUNE 2010
DUAL HIGH-SPEED MOSFET DRIVER
Check for Samples: TPS2811-Q1
1
FEATURES
•
Qualified for Automotive Applications
•
Industry-Standard Driver Replacement
•
25-ns Max Rise/Fall Times and 40-ns Max
Propagation Delay With 1-nF Load, VCC = 14 V
•
2-A Peak Output Current, VCC = 14 V
•
5-µA Supply Current With Input High or Low
•
4-V to 14-V Supply-Voltage Range; Internal
Regulator Extends Range to 40 V
•
−40°C to 125°C Ambient-Temperature
Operating Range
DESCRIPTION
The TPS2811 dual high-speed MOSFET driver is capable of delivering peak currents of 2 A into highly capacitive
loads. This performance is achieved with a design that inherently minimizes shoot-through current and consumes
an order of magnitude less supply current than competitive products.
The TPS2811 driver include a regulator to allow operation with supply inputs between 14 V and 40 V. The
regulator output can power other circuitry, provided power dissipation does not exceed package limitations.
When the regulator is not required, REG_IN and REG_OUT can be left disconnected or both can be connected
to VCC or GND.
TPS2811 driver is available in an 8-pin TSSOP package and operates over a ambient temperature range of
−40°C to 125°C.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
TSSOP – PW
Reel of 2000
TPS2811QPWRQ1
2811Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
DUAL HIGH-SPEED MOSFET DRIVER
TPS2811D TI-TPS2811D Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
TPS2811D TI1-TPS2811D Datasheet
1Mb / 38P
DUAL HIGH-SPEED MOSFET DRIBERS
TPS2811DG4 TI1-TPS2811DG4 Datasheet
1Mb / 38P
DUAL HIGH-SPEED MOSFET DRIBERS
More results

Similar Description - TPS2811

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
HIGH SPEED DUAL MOSFET DRIVER
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
Dual, High Speed MOSFET Driver
December 12, 2007
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
Dual, High Speed MOSFET Driver
December 16, 2008
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
Dual, High Speed MOSFET Driver
March 17, 2011
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
DUAL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
Dual, High Speed MOSFET Driver
May 30, 2014
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
Dual, High Speed MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com