Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 21 Page - Texas Instruments

Part # CC2541
Description  2.4-GHz Bluetooth™ low energy and Proprietary System-on-Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2541 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 17Page - Texas Instruments CC2541 Datasheet HTML 18Page - Texas Instruments CC2541 Datasheet HTML 19Page - Texas Instruments CC2541 Datasheet HTML 20Page - Texas Instruments CC2541 Datasheet HTML 21Page - Texas Instruments CC2541 Datasheet HTML 22Page - Texas Instruments CC2541 Datasheet HTML 23Page - Texas Instruments CC2541 Datasheet HTML 24Page - Texas Instruments CC2541 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
16
16.5
17
17.5
18
18.5
19
19.5
20
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Voltage (V)
1 Mbps GFSK 250 kHz
Standard Gain Setting
Input = −70 dBm
TA = 25°C
G005
16
16.5
17
17.5
18
18.5
19
19.5
20
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Voltage (V)
TX Power Setting = 0 dBm
TA = 25°C
G006
−92
−90
−88
−86
−84
−40
−20
0
20
40
60
80
Temperature (°C)
1 Mbps GFSK 250 kHz
Standard Gain Setting
VCC = 3 V
G003
−4.0
−2.0
0.0
2.0
4.0
−40
−20
0
20
40
60
80
Temperature (°C)
TX Power Setting = 0 dBm
VCC = 3 V
G004
16.5
17
17.5
18
18.5
19
−40
−20
0
20
40
60
80
Temperature (°C)
1 Mbps GFSK 250 kHz
Standard Gain Setting
Input = −70 dBm
VCC = 3 V
G001
17
17.5
18
18.5
19
19.5
−40
−20
0
20
40
60
80
Temperature (°C)
TX Power Setting = 0 dBm
VCC = 3 V
G002
CC2541
www.ti.com
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS
RX CURRENT
TX CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 10.
Figure 11.
RX SENSITIVITY
TX POWER
vs
vs
TEMPERATURE
TEMPERATURE
Figure 12.
Figure 13.
RX CURRENT
TX CURRENT
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 14.
Figure 15.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com