Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC2541
Description  2.4-GHz Bluetooth™ low energy and Proprietary System-on-Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2541 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 2Page - Texas Instruments CC2541 Datasheet HTML 3Page - Texas Instruments CC2541 Datasheet HTML 4Page - Texas Instruments CC2541 Datasheet HTML 5Page - Texas Instruments CC2541 Datasheet HTML 6Page - Texas Instruments CC2541 Datasheet HTML 7Page - Texas Instruments CC2541 Datasheet HTML 8Page - Texas Instruments CC2541 Datasheet HTML 9Page - Texas Instruments CC2541 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
CC2541
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
www.ti.com
RF RECEIVE SECTION (continued)
Measured on Texas Instruments CC2541 EM reference design with TA = 25°C, VDD = 3 V, fc = 2440 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1 Mbps, GFSK, 250-kHz Deviation, Bluetooth low energy Mode, 0.1% BER
High-gain mode
–94
Receiver sensitivity(3)(4)
dBm
Standard mode
–88
Saturation(4)
BER < 0.1%
5
dBm
Co-channel rejection(4)
Wanted signal –67 dBm
–6
dB
±1 MHz offset, 0.1% BER, wanted signal –67 dBm
–2
±2 MHz offset, 0.1% BER, wanted signal –67 dBm
26
In-band blocking rejection(4)
dB
±3 MHz offset, 0.1% BER, wanted signal –67 dBm
34
>6 MHz offset, 0.1% BER, wanted signal –67 dBm
33
Minimum interferer level < 2 GHz (Wanted signal –67 dBm)
–21
Out-of-band blocking
Minimum interferer level [2 GHz, 3 GHz] (Wanted signal –67 dBm)
–25
dBm
rejection(4)
Minimum interferer level > 3 GHz (Wanted signal –67 dBm)
–7
Intermodulation(4)
Minimum interferer level
–36
dBm
Including both initial tolerance and drift. Sensitivity better than -67dBm,
Frequency error tolerance(5)
–250
250
kHz
250 byte payload. BER 0.1%
Symbol rate error
Maximum packet length. Sensitivity better than –67 dBm, 250 byte
–80
80
ppm
tolerance(6)
payload. BER 0.1%
1 Mbps, GFSK, 160-kHz Deviation, 0.1% BER
Receiver sensitivity(7)
–91
dBm
Saturation
BER < 0.1%
0
dBm
Co-channel rejection
Wanted signal 10 dB above sensitivity level
–9
dB
±1-MHz offset, 0.1% BER, wanted signal –67 dBm
2
±2-MHz offset, 0.1% BER, wanted signal –67 dBm
24
In-band blocking rejection
dB
±3-MHz offset, 0.1% BER, wanted signal -–67 dBm
27
>6-MHz offset, 0.1% BER, wanted signal –67 dBm
32
Including both initial tolerance and drift. Sensitivity better than –67 dBm,
Frequency error tolerance(5)
–200
200
kHz
250-byte payload. BER 0.1%
Symbol rate error
Maximum packet length. Sensitivity better than –67 dBm, 250-byte
–80
80
ppm
tolerance(6)
payload. BER 0.1%
500 kbps, MSK, 0.1% BER
Receiver sensitivity(7)
–99
dBm
Saturation
BER < 0.1%
0
dBm
Co-channel rejection
Wanted signal –67 dBm
–5
dB
±1-MHz offset, 0.1% BER, wanted signal –67 dBm
20
In-band blocking rejection
±2-MHz offset, 0.1% BER, wanted signal –67 dBm
27
dB
>2-MHz offset, 0.1% BER, wanted signal –67 dBm
28
Including both initial tolerance and drift. Sensitivity better than –67 dBm,
Frequency error tolerance
–150
150
kHz
250-byte payload. BER 0.1%
Maximum packet length. Sensitivity better than –67 dBm, 250-byte
Symbol rate error tolerance
–80
80
ppm
payload. BER 0.1%
(3)
The receiver sensitivity setting is programmable using a TI BLE stack vendor-specific API command. The default value is standard
mode.
(4)
Results based on standard-gain mode.
(5)
Difference between center frequency of the received RF signal and local oscillator frequency
(6)
Difference between incoming symbol rate and the internally generated symbol rate
(7)
Results based on high-gain mode.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com