Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 3 Page - Texas Instruments

Part # CC2541
Description  2.4-GHz Bluetooth™ low energy and Proprietary System-on-Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2541 Datasheet(HTML) 3 Page - Texas Instruments

  CC2541 Datasheet HTML 1Page - Texas Instruments CC2541 Datasheet HTML 2Page - Texas Instruments CC2541 Datasheet HTML 3Page - Texas Instruments CC2541 Datasheet HTML 4Page - Texas Instruments CC2541 Datasheet HTML 5Page - Texas Instruments CC2541 Datasheet HTML 6Page - Texas Instruments CC2541 Datasheet HTML 7Page - Texas Instruments CC2541 Datasheet HTML 8Page - Texas Instruments CC2541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
MEMORY
ARBITRATOR
8051 CPU
CORE
DMA
FLASH
SRAM
FLASH CTRL
DEBUG
INTERFACE
RESET
RESET_N
P2_4
P2_3
P2_2
P2_1
P2_0
P1_4
P1_3
P1_2
P1_1
P1_0
P1_7
P1_6
P1_5
P0_4
P0_3
P0_2
P0_1
P0_0
P0_7
P0_6
P0_5
32.768-kHz
CRYSTAL OSC
32-MHZ
CRYSTAL OSC
HIGH SPEED
RC-OSC
32-kHz
RC-OSC
CLOCK MUX and
CALIBRATION
RAM
USART 0
USART 1
TIMER 1 (16-Bit)
TIMER 3 (8-bit)
TIMER 2
(BLE LL TIMER)
TIMER 4 (8-bit)
AES
ENCRYPTION
and
DECRYPTION
WATCHDOG TIMER
IRQ
CTRL
FLASH
UNIFIED
RF_P RF_N
MODULATOR
POWER-ON RESET
BROWN OUT
RADIO
REGISTERS
POWER MGT. CONTROLLER
SLEEP TIMER
PDATA
XRAM
IRAM
SFR
XOSC_Q2
XOSC_Q1
DS ADC
AUDIO / DC
DIGITAL
ANALOG
MIXED
VDD (2 V–3.6 V)
DCOUPL
ON-CHIP VOLTAGE
REGULATOR
Link Layer Engine
I
2C
DEMODULATOR
RECEIVE
TRANSMIT
OP-
ANALOG COMPARATOR
1-KB SRAM
FIFOCTRL
SDA
SCL
CC2541
www.ti.com
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Figure 1. Block Diagram
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com