Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2541
Description  2.4-GHz Bluetooth™ low energy and Proprietary System-on-Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2541 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 4Page - Texas Instruments CC2541 Datasheet HTML 5Page - Texas Instruments CC2541 Datasheet HTML 6Page - Texas Instruments CC2541 Datasheet HTML 7Page - Texas Instruments CC2541 Datasheet HTML 8Page - Texas Instruments CC2541 Datasheet HTML 9Page - Texas Instruments CC2541 Datasheet HTML 10Page - Texas Instruments CC2541 Datasheet HTML 11Page - Texas Instruments CC2541 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CC2541
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
www.ti.com
RF TRANSMIT SECTION
Measured on Texas Instruments CC2541 EM reference design with TA = 25°C, VDD = 3 V and fc = 2440 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Delivered to a single-ended 50-
Ω load through a balun using
0
maximum recommended output power setting
Output power
dBm
Delivered to a single-ended 50-
Ω load through a balun using
–23
minimum recommended output power setting
Programmable output power
Delivered to a single-ended 50-
Ω load through a balun using
23
dB
range
minimum recommended output power setting
f < 1 GHz
–52
dBm
Spurious emission conducted f > 1 GHz
–48
dBm
measurement
Suitable for systems targeting compliance with worldwide radio-frequency regulations ETSI EN 300 328 and
EN 300 440 Class 2 (Europe), FCC CFR47 Part 15 (US), and ARIB STD-T66 (Japan)
Differential impedance as seen from the RF port (RF_P and RF_N)
Optimum load impedance
70 +j30
Ω
toward the antenna
Designs with antenna connectors that require conducted ETSI compliance at 64 MHz should insert an LC
resonator in front of the antenna connector. Use a 1.6-nH inductor in parallel with a 1.8-pF capacitor. Connect
both from the signal trace to a good RF ground.
CURRENT CONSUMPTION WITH TPS62730
Measured on Texas Instruments CC2541 TPA62730 EM reference design with TA = 25°C, VDD = 3 V and fc = 2440 MHz,
1 Mbsp, GFSK, 250-kHz deviation, Bluetooth™ low energy Mode, 1% BER
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RX mode, standard mode, no peripherals active, low MCU activity, MCU
14.7
at 1 MHz
RX mode, high-gain mode, no peripherals active, low MCU activity,
16.7
MCU at 1 MHz
Current consumption
mA
TX mode, –20 dBm output power, no peripherals active, low MCU activity,
13.1
MCU at 1 MHz
TX mode, 0 dBm output power, no peripherals active, low MCU activity,
14.3
MCU at 1 MHz
(1)
0.1% BER maps to 30.8% PER
32-MHz CRYSTAL OSCILLATOR
Measured on Texas Instruments CC2541 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crystal frequency
32
MHz
Crystal frequency accuracy
–40
40
ppm
requirement(1)
ESR
Equivalent series resistance
6
60
Ω
C0
Crystal shunt capacitance
1
7
pF
CL
Crystal load capacitance
10
16
pF
Start-up time
0.25
ms
The crystal oscillator must be in power down for a guard
time before it is used again. This requirement is valid for
Power-down guard time
3
ms
all modes of operation. The need for power-down guard
time can vary with crystal type and load.
(1)
Including aging and temperature dependency, as specified by [1]
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com