Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 4 Page - Texas Instruments

Part # CC2541
Description  2.4-GHz Bluetooth™ low energy and Proprietary System-on-Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2541 Datasheet(HTML) 4 Page - Texas Instruments

  CC2541 Datasheet HTML 1Page - Texas Instruments CC2541 Datasheet HTML 2Page - Texas Instruments CC2541 Datasheet HTML 3Page - Texas Instruments CC2541 Datasheet HTML 4Page - Texas Instruments CC2541 Datasheet HTML 5Page - Texas Instruments CC2541 Datasheet HTML 6Page - Texas Instruments CC2541 Datasheet HTML 7Page - Texas Instruments CC2541 Datasheet HTML 8Page - Texas Instruments CC2541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
CC2541
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
All supply pins must have the same voltage
–0.3
3.9
V
Voltage on any digital pin
–0.3
VDD + 0.3
≤ 3.9
V
Input RF level
10
dBm
Storage temperature range
–40
125
°C
All pins, excluding pins 25 and 26, according to human-body
2
kV
model, JEDEC STD 22, method A114
All pins, according to human-body model, JEDEC STD 22,
ESD(2)
1
kV
method A114
According to charged-device model, JEDEC STD 22, method
500
V
C101
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
CAUTION: ESD sesnsitive device. Precautions should be used when handling the device in order to prevent permanent damage.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating ambient temperature range, TA
–40
85
°C
Operating supply voltage
2
3.6
V
ELECTRICAL CHARACTERISTICS
Measured on Texas Instruments CC2541 EM reference design with TA = 25°C and VDD = 3 V,
1 Mbps, GFSK, 250-kHz deviation, Bluetooth low energy mode, and 0.1% BER
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
RX mode, standard mode, no peripherals active, low MCU
17.9
activity
RX mode, high-gain mode, no peripherals active, low MCU
20.2
activity
mA
TX mode, –20 dBm output power, no peripherals active, low
16.8
MCU activity
TX mode, 0 dBm output power, no peripherals active, low
18.2
MCU activity
Power mode 1. Digital regulator on; 16-MHz RCOSC and 32-
Icore
Core current consumption
MHz crystal oscillator off; 32.768-kHz XOSC, POR, BOD and
270
sleep timer active; RAM and register retention
Power mode 2. Digital regulator off; 16-MHz RCOSC and 32-
µA
MHz crystal oscillator off; 32.768-kHz XOSC, POR, and sleep
1
timer active; RAM and register retention
Power mode 3. Digital regulator off; no clocks; POR active;
0.5
RAM and register retention
Low MCU activity: 32-MHz XOSC running. No radio or
6.7
mA
peripherals. Limited flash access, no RAM access.
Timer 1. Timer running, 32-MHz XOSC used
90
Timer 2. Timer running, 32-MHz XOSC used
90
Peripheral current consumption
Timer 3. Timer running, 32-MHz XOSC used
60
μA
Iperi
(Adds to core current Icore for each
Timer 4. Timer running, 32-MHz XOSC used
70
peripheral unit activated)
Sleep timer, including 32.753-kHz RCOSC
0.6
ADC, when converting
1.2
mA
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com