Electronic Components Datasheet Search
  English  ▼

X  

DLP2010 Datasheet(PDF) 24 Page - Texas Instruments

Part # DLP2010
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2010 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLP2010 Datasheet HTML 20Page - Texas Instruments DLP2010 Datasheet HTML 21Page - Texas Instruments DLP2010 Datasheet HTML 22Page - Texas Instruments DLP2010 Datasheet HTML 23Page - Texas Instruments DLP2010 Datasheet HTML 24Page - Texas Instruments DLP2010 Datasheet HTML 25Page - Texas Instruments DLP2010 Datasheet HTML 26Page - Texas Instruments DLP2010 Datasheet HTML 27Page - Texas Instruments DLP2010 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
Thermal Shutdown
Threshold
Thermal warning
Threshold
HOT
(Internal Signal)
Available Time for Controlled
Shutdown of System
Temperature
TSD
(Internal Signal)
Hysteresis
Hysteresis
24
DLPA2000
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Figure 12. Definition of the Thermal Shutdown and Hot-Die Temperature Warning
7.3.10.2 Low Battery Warning (BAT_LOW) and Undervoltage Lockout (UVLO)
If the battery voltage drops below the BAT_LOW threshold (typically 3.0 V) the BAT_LOW interrupt is issued, but
normal operation continues. After the battery drops below the undervoltage threshold which has a default
hardcoded value of 2.3 V (this UVLO voltage can be changed through register 09h from 2.3 V to 4.5 V), the
UVLO interrupt is issued, all rails are powered down in sequence, the DMD_EN bit is reset, and the part enters
STANDBY mode. The power rails cannot be re-enabled before the input voltage recovers to >2.4 V. To re-enable
the rails, the PROJ_ON pin must be toggled. The undervoltage threshold is programmable from 2.3 V to 4.5 V in
31 steps.
The UVLO shutdown process will protect the DMD by allowing time for the mirrors to park, then doing a fast
discharge of VOFS, VRST, and VBIAS. This protection occurs even in the case of sudden battery removal from the
projector, as long as the bulk capacitance on the battery voltage (VINx) keeps this voltage above 2.3 V for as long
as needed for VOFS, VRST, and VBIAS to discharge to the required safe levels as shown in the DMD data sheet.
VOFS, VRST, and VBIAS discharge times depend on the load capacitance on each regulator. When for instance
every supply is decoupled using a capacitor of 0.5 µF, VINx should stay above 2.3 V for at least 100 µs after the
battery is suddenly removed. During this time, the mirrors can be placed in a safe position and VOFS, VRST, and
VBIAS can be discharged.
NOTE
As required by the DMD data sheet, LS_OUT must stay above 1.65 V until VOFS, VRST,
and VBIAS have discharged to their required safe levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com