Electronic Components Datasheet Search
  English  ▼

X  

DLP2010 Datasheet(PDF) 46 Page - Texas Instruments

Part # DLP2010
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2010 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DLP2010 Datasheet HTML 42Page - Texas Instruments DLP2010 Datasheet HTML 43Page - Texas Instruments DLP2010 Datasheet HTML 44Page - Texas Instruments DLP2010 Datasheet HTML 45Page - Texas Instruments DLP2010 Datasheet HTML 46Page - Texas Instruments DLP2010 Datasheet HTML 47Page - Texas Instruments DLP2010 Datasheet HTML 48Page - Texas Instruments DLP2010 Datasheet HTML 49Page - Texas Instruments DLP2010 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
46
DLPA2000
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
9 Power Supply Recommendations
The DLPA2000 is designed to operate from a 2.3-V to 6-V input voltage supply or battery. To avoid insufficient
supply current due to line drop, ringing due to trace inductance at the VIN terminal, or supply peak current
limitations, additional bulk capacitance may be required. In the case ringing that is caused by the interaction with
the ceramic input capacitors, an electrolytic or tantalum type capacitor may be needed for damping. The amount
of bulk capacitance required should be evaluated such that the input voltage can remain in specification long
enough for a proper fast shutdown to occur for the VOFS, VRST, and VBIAS supplies. The shutdown begins when
the input voltage drops below the programmable UVLO threshold such as when the external power supply or
battery supply is suddenly removed from the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com