Electronic Components Datasheet Search
  English  ▼

X  

DLP2010 Datasheet(PDF) 12 Page - Texas Instruments

Part # DLP2010
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2010 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLP2010 Datasheet HTML 8Page - Texas Instruments DLP2010 Datasheet HTML 9Page - Texas Instruments DLP2010 Datasheet HTML 10Page - Texas Instruments DLP2010 Datasheet HTML 11Page - Texas Instruments DLP2010 Datasheet HTML 12Page - Texas Instruments DLP2010 Datasheet HTML 13Page - Texas Instruments DLP2010 Datasheet HTML 14Page - Texas Instruments DLP2010 Datasheet HTML 15Page - Texas Instruments DLP2010 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
tCSCR
tCDS
tCDH
tCFDO
tCFCS
tCSZ
HiZ
HiZ
SPI_CSZ
(SS)
SPI_CLK
(SCLK)
SPI_DIN
(MOSI)
SPI_DOUT
(MISO)
tiS
tiH
tCLKL
tCLKH
12
DLPA2000
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
The DPPxxxx processors send and receive data on the falling edge of the clock.
6.8 Data Transmission Timing Requirements
VBAT = 3.6 ± 5%, TA = 25 ºC, CL = 10 pF (unless otherwise noted)
MIN
NOM
MAX
UNIT
ƒCLK
Serial clock frequency
0
36
MHz
tCLKL
Pulse width low, SPI_CLK, 50% level
10
ns
tCLKH
Pulse width high, SPI_CLK, 50% level
10
ns
tt
Transition time, 20% to 80% level, all signals
0.2
4
ns
tCSCR
SPI_CSZ falling to SPI_CLK rising, 50% level
8
ns
tCFCS
SPI_CLK falling to SPI_CSZ rising, 50% level
1
ns
tCDS
SPI_DIN data setup time, 50% level
7
ns
tCDH
SPI_DIN data hold time, 50% level
6
ns
tiS
SPI_DOUT data setup time(1), 50% level
10
ns
tiH
SPI_DOUT data hold time (1), 50% level
0
ns
tCFDO
SPI_CLK falling to SPI_DOUT data valid, 50% level
13
ns
tCSZ
SPI_CSZ rising to SPI_DOUT HiZ
6
ns
Figure 3. SPI Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com