Electronic Components Datasheet Search
  English  ▼

X  

DLP2010 Datasheet(PDF) 13 Page - Texas Instruments

Part # DLP2010
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2010 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP2010 Datasheet HTML 9Page - Texas Instruments DLP2010 Datasheet HTML 10Page - Texas Instruments DLP2010 Datasheet HTML 11Page - Texas Instruments DLP2010 Datasheet HTML 12Page - Texas Instruments DLP2010 Datasheet HTML 13Page - Texas Instruments DLP2010 Datasheet HTML 14Page - Texas Instruments DLP2010 Datasheet HTML 15Page - Texas Instruments DLP2010 Datasheet HTML 16Page - Texas Instruments DLP2010 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
VIN(V)
Gamma Curves
2
3
4
5
6
0
0.2
0.4
0.6
0.8
D001
13
DLPA2000
www.ti.com
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
6.9 Typical Characteristics
The maximum output current of the buck-boost is a function of input voltage (VIN) and output voltage (VLED). The relationship
between VIN, VLED, and MAX ILED is shown in Figure 4. Note that VLED is the output of the buck-boost regulator, which includes
the voltage drop across the sense resistor RLIM (100 mΩ typical), internal strobe control switch
(75 mΩ max), and the forward voltage of the LED.
2.3 V < VLED < 4.8 V
Figure 4. Maximum LED Output Current as a Function of
Input Voltage (VIN) and Buck-Boost Output Voltage (VLED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com