Electronic Components Datasheet Search
  English  ▼

X  

DLP2010 Datasheet(PDF) 28 Page - Texas Instruments

Part # DLP2010
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2010 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLP2010 Datasheet HTML 24Page - Texas Instruments DLP2010 Datasheet HTML 25Page - Texas Instruments DLP2010 Datasheet HTML 26Page - Texas Instruments DLP2010 Datasheet HTML 27Page - Texas Instruments DLP2010 Datasheet HTML 28Page - Texas Instruments DLP2010 Datasheet HTML 29Page - Texas Instruments DLP2010 Datasheet HTML 30Page - Texas Instruments DLP2010 Datasheet HTML 31Page - Texas Instruments DLP2010 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
POWERDOWN
OFF
STANDBY
ACTIVE 1
ACTIVE 2
VLED_EN = 0
&
Valid power source connected
VRST = OFF
VBIAS = OFF
VOFS = OFF
VLED = OFF
SPI interface disabled
PWR_EN = low
RESETZ = low
All registers set to default values
DMD_EN = 0
|| FAULT = 1
PROJ_ON = low
PROJ_ON = low
PROJ_ON = high
DMD_EN = 1
FAULT = 0
VLED_EN = 1
VRST = OFF
VBIAS = OFF
VOFS = OFF
VLED = OFF
SPI interface enabled
PWR_EN = high
RESETZ = high (but is low if entered
state due to UVLO detection)
VRST = ON
VBIAS = ON
VOFS = ON
VLED = OFF
SPI interface enabled
PWR_EN = high
RESETZ = high
VRST = ON
VBIAS = ON
VOFS = ON
VLED = ON
SPI interface enabled
PWR_EN = high
RESETZ = high
28
DLPA2000
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
A.
|| = OR, & = AND.
B.
FAULT = Undervoltage on any supply (except LS_OUT), thermal shutdown, or UVLO detection.
C.
UVLO detection, per the diagram, causes the DLPA2000 to go into the standby state. This is not the lowest power
state. If lower power is desired, PROJ_ON should be set low.
D.
DMD_EN register bit can be reset or set by SPI writes. DMD_EN defaults to 0 when PROJ_ON goes from low to high
and then the DPP ASIC software automatically sets it to 1. Also, FAULT = 1 causes the DMD_EN register bit to be
reset.
E.
PWR_EN is a signal internal to the PAD200x. This signal turns on the VCORE regulator and the load switch that
drives pin LS_OUT.
Figure 15. State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com