Electronic Components Datasheet Search
  English  ▼

X  

DLP2010 Datasheet(PDF) 4 Page - Texas Instruments

Part # DLP2010
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2010 Datasheet(HTML) 4 Page - Texas Instruments

  DLP2010 Datasheet HTML 1Page - Texas Instruments DLP2010 Datasheet HTML 2Page - Texas Instruments DLP2010 Datasheet HTML 3Page - Texas Instruments DLP2010 Datasheet HTML 4Page - Texas Instruments DLP2010 Datasheet HTML 5Page - Texas Instruments DLP2010 Datasheet HTML 6Page - Texas Instruments DLP2010 Datasheet HTML 7Page - Texas Instruments DLP2010 Datasheet HTML 8Page - Texas Instruments DLP2010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
4
DLPA2000
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NUMBER
SPI_DOUT
C6
O
SPI data output.
VOFS
C7
O
VOFS output rail. Connect to ceramic capacitor.
L2
D1
I
Connection for VLED BUCK-BOOST inductor.
D2
VSPI
D3
I
Power supply input for SPI interface. Connect to system I/O voltage.
CMP_OUT
D4
O
Analog-comparator output.
PWM_IN
D5
I
Reference voltage input for analog comparator.
AGND
D6
GND
Analog ground. Connect to ground plane.
VINA
D7
POWER
Power supply input for sensitive analog circuitry.
VLED
E1
O
VLED BUCK-BOOST converter output pin.
E2
SENS1
E3
I
Input signal from light sensor.
SENS2
E4
I
Input signal from temperature sensor.
PROJ_ON
E5
I
Input signal to enable or disable the IC and DLP projector.
DGND
E6
GND
Digital ground. Connect to ground plane.
V2V5
E7
O
Internal supply filter pin for digital logic; typical 2.5 V.
SW4
F1
O
Low-side MOSFET switch for LED cathode. Connect to RGB LED assembly.
RLIM_K
F2
I
Kelvin sense connection to top side of LED current sense resistor.
For best accuracy, route this trace directly to the top of the current sense resistor and
separate it from the normal trace from the current sense resistor to the RLIM pins.
LED_SEL1
F3
I
Digital input to the RGB STROBE DECODER.
LED_SEL0
F4
I
Digital input to the RGB STROBE DECODER.
BOUT1
F5
O
Motor driver B phase output1.
LS_IN
F6
I
Load switch.
LS_OUT
F7
O
Load switch.
SW5
G1
O
Low-side MOSFET switch for LED cathode. Connect to RGB LED assembly.
RLIM
G2
O
Connection to LED ‘current sense’ resistor.
Bottom side of sense resistor is connected to GND.
RBOT_K
G3
I
Kelvin sense connection to ground side of LED current sense resistor.
AOUT1
G4
O
Motor driver A phase output1.
BOUT2
G5
O
Motor driver B phase output2.
VCORE
G6
I
VCORE BUCK converter feedback pin.
PGNDCM
G7
GND
Power ground for VCORE BUCK and motor driver.
SW6
H1
O
Low-side MOSFET switch for LED cathode. Connect to RGB LED assembly.
RLIM
H2
O
Connection to LED current sense resistor.
Bottom side of sense resistor is connected to GND.
V6V
H3
O
Internal supply filter pin for gate driver circuitry. Typical 6.25 V.
AOUT2
H4
O
Motor driver A phase output2.
VINM
H5
I
Power supply input for motor driver power stage. Connect to system power.
VINC
H6
I
Power supply input for VCORE BUCK power stage. Connect to system power.
SWC
H7
I/O
Connection for 1.1-V BUCK inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com