Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA200
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA200 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA200 Datasheet HTML 12Page - Texas Instruments INA200 Datasheet HTML 13Page - Texas Instruments INA200 Datasheet HTML 14Page - Texas Instruments INA200 Datasheet HTML 15Page - Texas Instruments INA200 Datasheet HTML 16Page - Texas Instruments INA200 Datasheet HTML 17Page - Texas Instruments INA200 Datasheet HTML 18Page - Texas Instruments INA200 Datasheet HTML 19Page - Texas Instruments INA200 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
G
0.6-V
Reference
Comparator
OUT
CMPIN
CMP
OUT
RESET
V
IN-
V
IN+
INA200 (G = 20)
INA201 (G = 50)
INA202 (G = 100)
GND
2
3
4
6
5
7
8
1
Shunt
Option 3
Shunt
Option 1
R
3
R
4
Supply
To V
IN-
To V
IN+
To V
IN-
To V
IN+
R
1
R
2
From
Shunt Option
1, 2, or 3
RESET
4.5 V to 5.5 V
Q
1
2N3904
Shunt
Option 2
Load
To V
IN-
To V
IN+
V
S
Copyright © 2017, Texas Instruments Incorporated
16
INA200, INA201, INA202
SBOS374E – NOVEMBER 2006 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: INA200 INA201 INA202
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
(1)
Q1 cascodes the comparator output to drive a high-side FET (the 2N3904) shown is good up to 60 V. The shunt can
be located in any one of the three locations shown. The latching capability must be used in shutdown applications to
prevent oscillation at the trip point.
Figure 29. High-Side Switch Overcurrent Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com