Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA200
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA200 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA200 Datasheet HTML 16Page - Texas Instruments INA200 Datasheet HTML 17Page - Texas Instruments INA200 Datasheet HTML 18Page - Texas Instruments INA200 Datasheet HTML 19Page - Texas Instruments INA200 Datasheet HTML 20Page - Texas Instruments INA200 Datasheet HTML 21Page - Texas Instruments INA200 Datasheet HTML 22Page - Texas Instruments INA200 Datasheet HTML 23Page - Texas Instruments INA200 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
V
(mV)
SENSE
20
Actual
Ideal
20
INA200, INA201, INA202
SBOS374E – NOVEMBER 2006 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: INA200 INA201 INA202
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.2.2 Normal Case 2: VSENSE ≥ 20 mv, VCM < VS
This region of operation is less accurate than normal case 1 as a result of the common-mode operating area in
which the part functions, as shown in the Figure 7 curve (Figure 7). As noted, for this graph VS = 12 V; for VCM <
12 V, the output error increases as VCM decreases to less than 12 V, with a typical maximum error of 0.005% at
the most negative VCM = –16 V.
7.4.2.3 Low VSENSE Case 1: VSENSE < 20 mV, –16 V ≤ VCM < 0
and Low VSENSE Case 3: VSENSE < 20 mV, VS < VCM ≤ 80 V
Although the INA200 family of devices are not designed for accurate operation in these regions, some
applications are exposed to these conditions. For example, when monitoring power supplies that are switched on
and off while VS is still applied to the INA20x devices, it is important to know what the behavior of the devices is
in these regions.
As VSENSE approaches 0 mV, in these VCM regions, the accuracy of the device output degrades. A larger-than-
normal offset can appear at the current shunt monitor output with a typical maximum value of VOUT = 300 mV for
VSENSE = 0 mV. As VSENSE approaches 20 mV, VOUT returns to the expected output value with accuracy as
shown in Electrical Characteristics: Current-Shunt Monitor. Figure 32 shows this effect using the INA202 (gain =
100).
Figure 32. Example For Low VSENSE Cases 1 and 3 (INA202, Gain = 100)
7.4.2.4 Low VSENSE Case 2: VSENSE < 20 mV, 0 V ≤ VCM ≤ VS
This region of operation is the least accurate for the INA20x family. To achieve the wide input common-mode
voltage range, these devices use two op amp front ends in parallel. One op amp front end operates in the
positive input common-mode voltage range, and the other in the negative input region. For this case, neither of
these two internal amplifiers dominates and overall loop gain is low. Within this region, VOUT approaches voltages
close to linear operation levels for normal case 2. This deviation from linear operation becomes greatest the
closer VSENSE approaches 0 V. Within this region, as VSENSE approaches 20 mV, device operation is closer to that
is described in normal case 2. Figure 33 shows this behavior for the INA202. The VOUT maximum peak for this
case is tested by maintaining a constant VS, setting VSENSE equal to 0 mV and sweeping VCM from 0 V to VS. The
exact VCM at which VOUT peaks during this test varies from device to device, but the VOUT maximum peak is
tested to be less than the specified VOUT tested limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com