Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA200
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA200 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA200 Datasheet HTML 3Page - Texas Instruments INA200 Datasheet HTML 4Page - Texas Instruments INA200 Datasheet HTML 5Page - Texas Instruments INA200 Datasheet HTML 6Page - Texas Instruments INA200 Datasheet HTML 7Page - Texas Instruments INA200 Datasheet HTML 8Page - Texas Instruments INA200 Datasheet HTML 9Page - Texas Instruments INA200 Datasheet HTML 10Page - Texas Instruments INA200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
INA200, INA201, INA202
www.ti.com
SBOS374E – NOVEMBER 2006 – REVISED SEPTEMBER 2017
Product Folder Links: INA200 INA201 INA202
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
(1)
Hysteresis refers to the threshold (the threshold specification applies to a rising edge of a noninverting input) of a falling edge on the
noninverting input of the comparator; refer to Figure 1.
(2)
Specified by design.
(3)
VID refers to the differential voltage at the comparator inputs.
(4)
Open-drain output can be pulled to the range of 2.7 to 18 V, regardless of VS.
(5)
The comparator response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
(6)
The RESET input has an internal 2 M
Ω (typical) pull-down. Leaving RESET open results in a LOW state, with transparent comparator
operation.
6.6 Electrical Characteristics: Comparator
at TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, and RPULL-UP = 5.1 kΩ connected from CMPOUT to
VS, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Threshold
TA = 25°C
590
608
620
mV
TA = –40°C to 125°C
586
625
mV
Hysteresis(1)
TA = –40°C to 85°C
–8
mV
INPUT BIAS CURRENT(2)
Input bias current, CMPin PIN
0.005
10
nA
Input bias current, CMPin PIN, vs temperature TA = –40°C to 125°C
15
nA
INPUT VOLTAGE RANGE
Input voltage range, CMPin PIN
0 V to VS – 1.5 V
V
OUTPUT (OPEN-DRAIN)
Large-signal differential voltage gain
CMP VOUT 1 V to 4 V,
RL ≥ 15 kΩ connected to 5 V
200
V/mV
ILKG
High-level leakage current(3)(4)
VID = 0.4 V, VOH = VS
0.0001
1
μA
VOL
Low-level output voltage(3)
VID = –0.6 V, IOL = 2.35 mA
220
300
mV
RESPONSE TIME
Response time(5)
RL to 5 V, CL = 15 pF, 100-mV Input
Step with 5-mV overdrive
1.3
μs
RESET
RESET threshold(6)
1.1
V
Logic input impedance
2
MΩ
Minimum RESET pulse width
1.5
μs
RESET propagation delay
3
μs
(1)
The INA200, INA201, and INA202 are designed to power-up with the comparator in a defined reset state as long as RESET is open or
grounded. The comparator is in reset as long as the power supply is below the voltage shown here. The comparator assumes a state
based on the comparator input above this supply voltage. If RESET is high at power-up, the comparator output comes up high and
requires a reset to assume a low state, if appropriate.
6.7 Electrical Characteristics: General
at TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ connected from CMPOUT to VS,
and CMPIN = 1 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VS
Operating power supply
TA = –40°C to 125°C
2.7
18
V
IQ
Quiescent current
VOUT = 2 V
1350
1800
μA
VSENSE = 0 mV, TA = –40°C to 125°C
1850
μA
Comparator power-on reset
threshold(1)
1.5
V
TEMPERATURE
Specified temperature
–40
125
°C
Operating temperature
–55
150
°C
Storage temperature
–65
150
°C
θJA
Thermal resistance
VSSOP-8 Surface-Mount
200
°C/W
SOIC-8
150
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com