Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA200
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA200 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA200 Datasheet HTML 13Page - Texas Instruments INA200 Datasheet HTML 14Page - Texas Instruments INA200 Datasheet HTML 15Page - Texas Instruments INA200 Datasheet HTML 16Page - Texas Instruments INA200 Datasheet HTML 17Page - Texas Instruments INA200 Datasheet HTML 18Page - Texas Instruments INA200 Datasheet HTML 19Page - Texas Instruments INA200 Datasheet HTML 20Page - Texas Instruments INA200 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Supply
4.5 V to 5.5 V
R7 200 k
CMPOUT
G
Comparator
2
3
4
6
5
7
8
1
0.6-V
Reference
RESET
CMPOUT
VIN+
VIN-
OUT
GND
CMPIN
VS
INA200 (G = 20)
INA201 (G = 50)
INA202 (G = 100)
R3
R4
G
Comparator
2
3
4
6
5
7
8
1
0.6-V
Reference
RESET
CMPOUT
VIN+
VIN-
OUT
GND
CMPIN
VS
INA200 (G = 20)
INA201 (G = 50)
INA202 (G = 100)
R3
R4
R6 2.2 k
R5 2.2 k
RSHUNT
Copyright © 2017, Texas Instruments Incorporated
17
INA200, INA201, INA202
www.ti.com
SBOS374E – NOVEMBER 2006 – REVISED SEPTEMBER 2017
Product Folder Links: INA200 INA201 INA202
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
(1)
It is possible to set different limits for each direction.
Figure 30. Bidirectional Overcurrent Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com