Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA200
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA200 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA200 Datasheet HTML 18Page - Texas Instruments INA200 Datasheet HTML 19Page - Texas Instruments INA200 Datasheet HTML 20Page - Texas Instruments INA200 Datasheet HTML 21Page - Texas Instruments INA200 Datasheet HTML 22Page - Texas Instruments INA200 Datasheet HTML 23Page - Texas Instruments INA200 Datasheet HTML 24Page - Texas Instruments INA200 Datasheet HTML 25Page - Texas Instruments INA200 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
7
Shunt
Option 3
From
Shunt Option
1, 2, or 3
4.5 V to 5.5 V
To VIN-
To VIN+
Shunt
Option 2
R3
R4
G
Comparator
2
3
4
6
5
8
1
0.6-V
Reference
RESET
CMPOUT
VIN+
VIN-
OUT
GND
CMPIN
VS
INA200 (G = 20)
INA201 (G = 50)
INA202 (G = 100)
Supply
RSHUNT
Load
To VIN+
To VIN-
R1 22 k
R4 2.2 k
Q1 2N3904
Copyright © 2017, Texas Instruments Incorporated
To VIN-
To VIN+
22
INA200, INA201, INA202
SBOS374E – NOVEMBER 2006 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: INA200 INA201 INA202
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The INA20x series is designed to enable simple configuration for detecting overcurrent conditions and current
monitoring in an application. This device is individually targeted towards overcurrent detection of a single
threshold. However, this device can pair with additional devices and circuitry to create more complex monitoring
functional blocks.
8.2 Typical Application
(1)
In this case, Q inverts the comparator output.
Figure 34. Low-Side Switch Overcurrent Shutdown
8.2.1 Design Requirements
The device measures current through a resistive shunt with current flowing in one direction that enables
detection of an overcurrent event only when the differential input voltage exceeds the threshold limit. When the
current reaches the set limit of the divider R1 / R2, the output of CMPOUT transitions high, which turns Q1 on,
pulls the gate of the pass-FET low, and turns off the flow off current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com