Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA200
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA200 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA200 Datasheet HTML 10Page - Texas Instruments INA200 Datasheet HTML 11Page - Texas Instruments INA200 Datasheet HTML 12Page - Texas Instruments INA200 Datasheet HTML 13Page - Texas Instruments INA200 Datasheet HTML 14Page - Texas Instruments INA200 Datasheet HTML 15Page - Texas Instruments INA200 Datasheet HTML 16Page - Texas Instruments INA200 Datasheet HTML 17Page - Texas Instruments INA200 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
G
Comparator
INA200
(G = 20)
2
3
4
6
5
7
8
1
Latch
Transparent / Reset
Load
5-V Supply
0.6-V
Reference
RESET
CMPOUT
VIN+
VIN-
OUT
GND
CMPIN
VS
R2
R1
CBYPASS 0.01 µF
SW
RSHUNT
3 m
Load Supply
-18 V to 80 V
RPULLUP
4.7 k
Copyright © 2017, Texas Instruments Incorporated
14
INA200, INA201, INA202
SBOS374E – NOVEMBER 2006 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: INA200 INA201 INA202
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
Figure 26. INA200 Basic Connections
7.3.2 Selecting RS
The selected value for the shunt resistor, RS, depends on the application and is a compromise between small-
signal accuracy and maximum permissible voltage loss in the measurement line. High values of RS provide better
accuracy at lower currents by minimizing the effects of offset, while low values of RS minimize voltage loss in the
supply line. For most applications, using an RS value that provides a full-scale shunt voltage range of 50 mV to
100 mV results in the best performance. Maximum input voltage for accurate measurements is 500 mV, but
output voltage is limited by supply.
7.3.3 Comparator
The INA200, INA201, and INA202 devices incorporate an open-drain comparator. This comparator typically has
2 mV of offset and a 1.3-μs (typical) response time. The output of the comparator latches and is reset through
the RESET pin; see Figure 28.
When Vs and RESET are different, TI recommends adding a low-pass filter (LPF) on the RESET pin to avoid
comparator behavior inconsistent with the data sheet. For instance, with a 12-V supply and a 3.3-V RESET, a
rise time of 400 ns is appropriate. Similarly, with an 18-V supply and a 2.7-V RESET, a 1-µs rise time is
appropriate; see Figure 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com