Electronic Components Datasheet Search
  English  ▼

X  

ADS8325IB Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS8325IB
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8325IB Datasheet(HTML) 2 Page - Texas Instruments

  ADS8325IB Datasheet HTML 1Page - Texas Instruments ADS8325IB Datasheet HTML 2Page - Texas Instruments ADS8325IB Datasheet HTML 3Page - Texas Instruments ADS8325IB Datasheet HTML 4Page - Texas Instruments ADS8325IB Datasheet HTML 5Page - Texas Instruments ADS8325IB Datasheet HTML 6Page - Texas Instruments ADS8325IB Datasheet HTML 7Page - Texas Instruments ADS8325IB Datasheet HTML 8Page - Texas Instruments ADS8325IB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
PACKAGE DISSIPATION RATINGS
ADS8325
SBAS226C – MARCH 2002 – REVISED AUGUST 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
INTEGRAL
NO MISSING
SPECIFIED
LINEARITY
CODES ERROR
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
ERROR (LSB)
(LSB)
(2)
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
ADS8325IDGKT
Tape and Reel, 250
ADS8325I
±6
15
MSOP-8
DGK
–40
°C to +85°C
B25
ADS8325IDGKR
Tape and Reel, 2500
ADS8325IBDGKT
Tape and Reel, 250
ADS8325IB
±4
16
MSOP-8
DGK
–40
°C to +85°C
B25
ADS8325IBDGKR
Tape and Reel, 2500
ADS8325IDRBT
Tape and Reel, 250
ADS8325I
±6
15
SON-8
DRB
–40
°C to +85°C
B25
ADS8325IDRBR
Tape and Reel, 2500
ADS8325IBDRBT
Tape and Reel, 250
ADS8325IB
±4
16
SON-8
DRB
–40
°C to +85°C
B25
ADS8325IBDRBR
Tape and Reel, 2500
(1)
For the most current specifications and package information, refer to our web site at www.ti.com.
(2)
No Missing Codes Error specifies a 5V power supply and reference voltage.
Over operating free-air temperature range (unless otherwise noted)
ADS8325
UNIT
Supply voltage, DGND to VDD
–0.3 to 6
V
Analog input voltage(2)
–0.3 to VDD + 0.3
V
Reference input voltage(2)
–0.3 to VDD + 0.3
V
Digital input voltage(2)
–0.3 to VDD + 0.3
V
Input current to any pin except supply
–20 to 20
mA
Power dissipation
See Dissipation Rating Table
TJ
Operating virtual junction temperature range
–40 to +150
°C
TA
Operating free-air temperature range
–40 to +85
°C
TSTG
Storage temperature range
–65 to +150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 sec
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions of extended periods may affect device reliability.
(2)
All voltage values are with respect to ground terminal.
DERATING FACTOR
TA ≤ +25°C
TA = +70°C
TA = +85°C
PACKAGE
RθJC
RθJA
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
DGK
39.1
°C/W
206.3
°C/W
4.847mW/
°C
606mW
388mW
315mW
DRB
5
°C/W
45.8
°C/W
3.7mW/C
370mW
204mW
148mW
2
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com