Electronic Components Datasheet Search
  English  ▼

X  

ADS8325IB Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS8325IB
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8325IB Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS8325IB Datasheet HTML 16Page - Texas Instruments ADS8325IB Datasheet HTML 17Page - Texas Instruments ADS8325IB Datasheet HTML 18Page - Texas Instruments ADS8325IB Datasheet HTML 19Page - Texas Instruments ADS8325IB Datasheet HTML 20Page - Texas Instruments ADS8325IB Datasheet HTML 21Page - Texas Instruments ADS8325IB Datasheet HTML 22Page - Texas Instruments ADS8325IB Datasheet HTML 23Page - Texas Instruments ADS8325IB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
www.ti.com
111111111
1
1111 11
111111111
1
1111 11
111111111
1
1111 11
0000000000000010
0000000000000001
0000000000000000
1000000000000001
1000000000000000
0111111111
1
1111 1
StraightBinary
V =V
=0V
Z
CM
38.15 V
m
76.29 V
m
152.58 V
m
2.499962V
2.500038V
V
=V
+V
/2=2.5V
MS
CM
REF
UnipolarAnalogInputVoltage
1LSB=76.29 V
m
V
=0V
CM
V
=5V
REF
4.999847V
V
1LSB=4.999924V
-
FS
V
=V
+V
=5V
FS
CM
REF
0
1
2
32767
32768
32769
65533
65534
65535
16-BIT
ZeroCode
MidscaleCode
Full-ScaleCode
StraightBinaryOutput
V =0000H
Z
V
=8000H
MS
V
=FFFFH
FS
UnipolarAnalogInput
V
=V
CODE
CM
V
=V
+V
/2
CODE
CM
REF
V
=(V
+V
)
1LSB
-
CODE
CM
REF
ADS8325
SBAS226C – MARCH 2002 – REVISED AUGUST 2007
Figure 36. Ideal Conversion Characteristics (Condition: VCM = 0V, VREF = 5V)
20
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com